Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 95 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 91Page - NXP Semiconductors MMPF0100Z Datasheet HTML 92Page - NXP Semiconductors MMPF0100Z Datasheet HTML 93Page - NXP Semiconductors MMPF0100Z Datasheet HTML 94Page - NXP Semiconductors MMPF0100Z Datasheet HTML 95Page - NXP Semiconductors MMPF0100Z Datasheet HTML 96Page - NXP Semiconductors MMPF0100Z Datasheet HTML 97Page - NXP Semiconductors MMPF0100Z Datasheet HTML 98Page - NXP Semiconductors MMPF0100Z Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 128 page
background image
NXP Semiconductors
95
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.5
Control interface I2C block description
The PF0100Z contains an I2C interface port which allows access by a processor, or any I2C master, to the register set. Via these registers
the resources of the IC can be controlled. The registers also provide status information about how the IC is operating. The SCL and SDA
lines should be routed away from noisy signals and planes to minimize noise pick up. To prevent reflections in the SCL and SDA traces
from creating false pulses, the rise and fall times of the SCL and SDA signals must be greater than 20 ns. This can be accomplished by
reducing the drive strength of the I2C master, via software. The i.MX6 I2C driver defaults to a 40
 drive strength. It is recommended to
use a drive strength of 80
 or higher to increase the edge times. Alternatively, this can be accomplished by using small capacitors from
SCL and SDA to ground. For example, use 5.1 pF capacitors from SCL and SDA to ground for bus pull-up resistors of 4.8 k
.
6.5.1
I2C device ID
I2C interface protocol requires a device ID for addressing the target IC on a multi-device bus. To allow flexibility in addressing for bus
conflict avoidance, fuse programmability is provided to allow configuration for the lower 3 address LSB(s). Refer to 6.1.2 One time
programmability (OTP), page 20 for more details. This product supports 7-bit addressing only; support is not provided for 10-bit or general
call addressing. Note, when the TBB bits for the I2C slave address are written, the next access to the chip, must then use the new slave
address; these bits take affect right away.
6.5.2
I2C operation
The I2C mode of the interface is implemented generally following the fast mode definition which supports up to 400 kbits/s operation
(exceptions to the standard are noted to be 7-bit only addressing and no support for General Call addressing.) Timing diagrams, electrical
specifications, and further details can be found in the I2C specification, which is available for download at:
http://www.nxp.com/acrobat_download/literature/9398/39340011.pdf
I2C read operations are also performed in byte increments separated by an ACK. Read operations also begin with the MSB and each byte
will be sent out unless a STOP command or NACK is received prior to completion.
The following examples show how to write and read data to and from the IC. The host initiates and terminates all communication. The
host sends a master command packet after driving the start condition. The device responds to the host if the master command packet
contains the corresponding slave address. In the following examples, the device is shown always responding with an ACK to
transmissions from the host. If at any time a NACK is received, the host should terminate the current transaction and retry the transaction.
Figure 27. I2C write example
Figure 28. I2C read example
Device
Address
Register Address
Packet
Type
START
R / W
Host SDA
A
C
K
Slave SDA
A
C
K
Master Driven Data
( byte
0)
0
7
STOP
Host can
also drive
another
Start instead
of Stop
A
C
K
0
0
7
0
7
Device
Address
Register Address
Device Address
Packet
Type
START
0
R/W
16
23
8
15
0
7
A
C
K
STOP
A
C
K
A
C
K
START
0
7
R/W
NA
CK
PMIC Driven Data
Host can also
drive another
Start instead of
Stop
1
Host SDA
Slave SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com