Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 64 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 60Page - NXP Semiconductors MMPF0100Z Datasheet HTML 61Page - NXP Semiconductors MMPF0100Z Datasheet HTML 62Page - NXP Semiconductors MMPF0100Z Datasheet HTML 63Page - NXP Semiconductors MMPF0100Z Datasheet HTML 64Page - NXP Semiconductors MMPF0100Z Datasheet HTML 65Page - NXP Semiconductors MMPF0100Z Datasheet HTML 66Page - NXP Semiconductors MMPF0100Z Datasheet HTML 67Page - NXP Semiconductors MMPF0100Z Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
64
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.5.6
SW3A/B specifications
Table 77. SW3A/B electrical characteristics
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40°C to 105°C, VIN =VINSW3x =3.6 V, VSW3x =1.5 V,
ISW3x = 100 mA, SW3x_PWRSTG[2:0] = [111], typical external component values, fSW3x = 2.0 MHz, single/dual phase and independent
mode, unless otherwise noted. Typical values are characterized at VIN = VINSW3x = 3.6 V, VSW3x = 1.5 V, ISW3x = 100 mA,
SW3x_PWRSTG[2:0] = [111], and 25 °C, unless otherwise noted.
Symbol
P
arameter
Min.
Typ.
Max.
Unit
Notes
Switch mode supply SW3a/B
VINSW3x
Operating input voltage
2.8
–
4.5
V
(52)
VSW3x
Nominal output voltage
-
Table 64
-V
VSW3xACC
Output voltage accuracy
• PWM, APS 2.8 V < VIN < 4.5 V, 0 < ISW3x < ISW3xMAX
0.625 V < VSW3x < 0.85 V
0.875 V < VSW3x < 1.975 V
2.0 V < VSW3x < 3.3 V
• PFM , steady state (2.8 V < VIN < 4.5 V, 0 < ISW3x < 50 mA)
0.625 V < VSW3x < 0.675 V
0.7 V < VSW3x < 0.85 V
0.875 V < VSW3x < 1.975 V
2.0 V < VSW3x < 3.3 V
-25
-3.0%
-6.0%
-65
-45
-3.0%
-3.0%
–
–
–
–
–
–
–
25
3.0%
6.0%
65
45
3.0%
3.0%
mV
%
ISW3x
Rated output load current
•2.8 V < VIN < 4.5 V, 0.625 V < VSW3x < 3.3 V
PWM, APS mode single/dual phase
PWM, APS mode independent (per phase)
–
–
–
–
2500
1250
mA
(53)
ISW3xLIM
Current limiter peak current detection
• Single phase (current through inductor)
SW3xILIM = 0
SW3xILIM = 1
• Independent mode or dual phase (current through inductor per
phase)
SW3xILIM = 0
SW3xILIM = 1
3.5
2.7
1.8
1.3
5.0
3.8
2.5
1.9
6.5
4.9
3.3
2.5
A
VSW3xOSH
Start-up overshoot
ISW3x =0.0 mA
DVS clk = 25 mV/4
s, VIN = VINSW3x = 4.5 V
––
66
mV
tONSW3x
Turn-on time
Enable to 90% of end value
ISW3x = 0 mA
DVS clk = 25 mV/4
s, VIN = VINSW3x = 4.5 V
–
–
500
µs
fSW3x
Switching frequency
SW3xFREQ[1:0] = 00
SW3xFREQ[1:0] = 01
SW3xFREQ[1:0] = 10
–
–
–
1.0
2.0
4.0
–
–
–
MHz
SW3AB
Efficiency (single phase)
•fSW3 = 2.0 MHz, LSW3x 1.0 H
PFM, 1.5V, 1.0mA
PFM, 1.5 V, 50 mA
APS, PWM 1.5 V, 500 mA
APS, PWM 1.5 V, 750 mA
APS, PWM 1.5 V, 1250 mA
APS, PWM 1.5 V, 2500 mA
–
–
–
–
–
–
84
85
89
89
85
80
–
–
–
–
–
–
%
VSW3x
Output ripple
–
10
–
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com