Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 48 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 44Page - NXP Semiconductors MMPF0100Z Datasheet HTML 45Page - NXP Semiconductors MMPF0100Z Datasheet HTML 46Page - NXP Semiconductors MMPF0100Z Datasheet HTML 47Page - NXP Semiconductors MMPF0100Z Datasheet HTML 48Page - NXP Semiconductors MMPF0100Z Datasheet HTML 49Page - NXP Semiconductors MMPF0100Z Datasheet HTML 50Page - NXP Semiconductors MMPF0100Z Datasheet HTML 51Page - NXP Semiconductors MMPF0100Z Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
48
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
SW1C (independent) (continued)
VSW1COSH
Start-up overshoot
ISW1C =0mA
DVS clk = 25 mV/4
s, VIN = VINSW1C = 4.5 V, VSW1C = 1.875 V
––
66
mV
tONSW1C
Turn-on time
Enable to 90% of end value
ISW1C = 0 mA
DVS clk = 25 mV/4
s, VIN = VINSW1C = 4.5 V, VSW1C = 1.875 V
–
–
500
µs
fSW1C
Switching frequency
SW1CFREQ[1:0] = 00
SW1CFREQ[1:0] = 01
SW1CFREQ[1:0] = 10
–
–
–
1.0
2.0
4.0
–
–
–
MHz
SW1C
Efficiency
•VIN = 3.6 V, fSW1C = 2.0 MHz, LSW1C = 1.0 H
PFM, 0.9 V, 1.0 mA
PFM, 1.2 V, 50 mA
APS, PWM, 1.2 V, 400 mA
APS, PWM, 1.2 V, 600 mA
APS, PWM, 1.2 V, 1000 mA
APS, PWM, 1.2 V, 2000 mA
–
–
–
–
–
–
77
78
86
84
78
68
–
–
–
–
–
–
%
VSW1C
Output ripple
–10–
mV
VSW1CLIR
Line regulation (APS, PWM)
–
–
20
mV
VSW1CLOR
DC load regulation (APS, PWM)
–
–
20
mV
VSW1CLOTR
Transient load regulation
• Transient load = 0.0 mA to 1.0 A, di/dt = 100 mA/
s
Overshoot
Undershoot
–
–
–
–
50
50
mV
ISW1CQ
Quiescent current
PFM mode
APS mode
–
–
22
145
–
–
µA
RONSW1CP
SW1C P-MOSFET RDS(on)
at VINSW1C = 3.3 V
–
184
206
m
RONSW1CN
SW1C N-MOSFET RDS(on)
at VINSW1C = 3.3 V
–
211
260
m
ISW1CPQ
SW1C P-MOSFET leakage current
VINSW1C = 4.5 V
–
–
10.5
µA
ISW1CNQ
SW1C N-MOSFET leakage current
VINSW1C = 4.5 V
––
3.5
µA
RSW1CDIS
Discharge resistance
–
600
–
W
Notes
42.
Supports the Coremark and 3D MM benchmark maximum current value of 2500 mA of the VDD_SOC_IN domain in the i.MX 6Dual/Quad
processors.
43.
Current rating of SW1AB supports the power virus mode of operation of the i.MX 6X processor.
Table 53. SW1A/B/C electrical characteristics (continued)
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = VINSW1x = 3.6 V, VSW1x = 1.2 V,
ISW1x = 100 mA, SW1x_PWRSTG[2:0] = [111], typical external component values, fSW1x = 2.0 MHz, unless otherwise noted. Typical
values are characterized at VIN = VINSW1x = 3.6 V, VSW1x = 1.2 V, ISW1x = 100 mA, SW1x_PWRSTG[2:0] = [111], and 25 °C, unless
otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com