Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 83 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 79Page - NXP Semiconductors MMPF0100Z Datasheet HTML 80Page - NXP Semiconductors MMPF0100Z Datasheet HTML 81Page - NXP Semiconductors MMPF0100Z Datasheet HTML 82Page - NXP Semiconductors MMPF0100Z Datasheet HTML 83Page - NXP Semiconductors MMPF0100Z Datasheet HTML 84Page - NXP Semiconductors MMPF0100Z Datasheet HTML 85Page - NXP Semiconductors MMPF0100Z Datasheet HTML 86Page - NXP Semiconductors MMPF0100Z Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 128 page
background image
NXP Semiconductors
83
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN2 AC and transient
PSRRVGEN2
PSRR (64)
•IGEN2 = 187.5 mA, 20 Hz to 20 kHz
VGEN2[3:0] = 0000 - 1101
VGEN2[3:0] = 1110, 1111
50
37
60
45
–
–
dB
NOISEVGEN2
Output noise density
•VIN1 = 1.75 V, IGEN2 = 187.5 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
–
–
–
-108
-118
-124
-100
-108
-112
dBV/
Hz
SLWRVGEN2
Turn-on slew rate
• 10% to 90% of end value
•1.75 V
VIN1 3.4 V, IGEN2 = 0.0 mA
VGEN2[3:0] = 0000 to 0111
VGEN2[3:0] = 1000 to 1111
–
–
–
–
12.5
16.5
mV
s
GEN2tON
Turn-on time
Enable to 90% of end value, VIN1 = 1.75 V, 3.4 V
IGEN2 = 0.0 mA
60
–
500
s
GEN2tOFF
Turn-off time
Disable to 10% of initial value, VIN1 = 1.75 V
IGEN2 = 0.0 mA
––
10
ms
GEN2OSHT
Start-up overshoot
VIN1 = 1.75 V, 3.4 V, IGEN2 = 0.0 mA
–1.0
2.0
%
VGEN2LOTR
Transient load response
VIN1 = 1.75 V, 3.4 V
IGEN2 = 25 mA to 250 mA in 1.0 s
Peak of overshoot or undershoot of VGEN2 with respect to final
value
Refer to Figure 25
––
3.0
%
VGEN2LITR
Transient line response
IGEN2 = 187.5 mA
VIN1INITIAL = 1.75 V to VIN1FINAL = 2.25 V for
VGEN2[3:0] = 0000 to 1101
VIN1INITIAL = VGEN2+0.3 V to VIN1FINAL = VGEN2+0.8 V for
VGEN2[3:0] = 1110, 1111
Refer to Figure 25
–5.0
8.0
mV
Notes
64.
The PSRR of the regulators is measured with the perturbing signal at the input of the regulator. The power management IC is supplied separately
from the input of the regulator and does not contain the perturbed signal. During measurements, care must be taken not to operate in the dropout
region of the regulator under test.
Table 102. VGEN2 electrical characteristics (continued)
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40°C to 105°C, VIN =3.6 V, VIN1 =3.0 V,
VGEN2[3:0] = 1111, IGEN2 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6V, VIN1 = 3.0 V, VGEN2[3:0] = 1111, IGEN2 = 10mA and 25°C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com