Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 10Page - NXP Semiconductors MMPF0100Z Datasheet HTML 11Page - NXP Semiconductors MMPF0100Z Datasheet HTML 12Page - NXP Semiconductors MMPF0100Z Datasheet HTML 13Page - NXP Semiconductors MMPF0100Z Datasheet HTML 14Page - NXP Semiconductors MMPF0100Z Datasheet HTML 15Page - NXP Semiconductors MMPF0100Z Datasheet HTML 16Page - NXP Semiconductors MMPF0100Z Datasheet HTML 17Page - NXP Semiconductors MMPF0100Z Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
14
NXP Semiconductors
PF0100Z
GENERAL DESCRIPTION
5
General description
The PF0100Z is the power management integrated circuit (PMIC) designed primarily for use with NXP’s i.MX 6 series of application
processors.
5.1
Features
This section summarizes the PF0100Z features.
• Input voltage range to PMIC: 2.8 V - 4.5 V
• Buck regulators
•
Four to six channel configurable
• SW1A/B/C, 4.5 A (single); 0.3 V to 1.875 V
• SW1A/B, 2.5 A (single/dual); SW1C 2.0 A (independent); 0.3 V to 1.875 V
• SW2, 2.0 A; 0.4 V to 3.3 V (2.5 A; 1.2 V to 3.3 V (22))
• SW3A/B, 2.5 A (single/dual); 0.4 V to 3.3 V
• SW3A, 1.25 A (independent); SW3B, 1.25 A (independent); 0.4 V to 3.3 V
• SW4, 1.0 A; 0.4 V to 3.3 V
• SW4, VTT mode provide DDR termination at 50% of SW3A
•
Dynamic voltage scaling
•
Modes: PWM, PFM, APS
•
Programmable output voltage
•
Programmable current limit
•
Programmable soft start
•
Programmable PWM switching frequency
•
Programmable OCP with fault interrupt
• Boost regulator
•
SWBST, 5.0 V to 5.15 V, 0.6 A, OTG support
•
Modes: PFM and Auto
•
OCP fault interrupt
•LDOs
•
Six user programable LDO
• VGEN1, 0.80 V to 1.55 V, 100 mA
• VGEN2, 0.80 V to 1.55 V, 250 mA
• VGEN3, 1.8 V to 3.3 V, 100 mA
• VGEN4, 1.8 V to 3.3 V, 350 mA
• VGEN5, 1.8 V to 3.3 V, 100 mA
• VGEN6, 1.8 V to 3.3 V, 200 mA
•
Soft start
•
LDO/switch supply
• VSNVS (1.0/1.1/1.2/1.3/1.5/1.8/3.0 V), 400
A
• DDR memory reference voltage
•
VREFDDR, 0.6 V to 0.9 V, 10 mA
• 16 MHz internal master clock
• OTP (one time programmable) memory for device configuration
•
User programmable start-up sequence and timing
• Battery backed memory including coin cell charger
•I2C interface
• User programmable standby, sleep, and off modes
Notes
22.
SW2 capable of 2.5 A in NP/F9/FA versions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com