Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 22Page - NXP Semiconductors MMPF0100Z Datasheet HTML 23Page - NXP Semiconductors MMPF0100Z Datasheet HTML 24Page - NXP Semiconductors MMPF0100Z Datasheet HTML 25Page - NXP Semiconductors MMPF0100Z Datasheet HTML 26Page - NXP Semiconductors MMPF0100Z Datasheet HTML 27Page - NXP Semiconductors MMPF0100Z Datasheet HTML 28Page - NXP Semiconductors MMPF0100Z Datasheet HTML 29Page - NXP Semiconductors MMPF0100Z Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 128 page
background image
26
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Active mode – AC
tONREFDDR
Turn-on Time
Enable to 90% of end value
VINREFDDR = 1.2 V, 1.8 V
IREFDDR = 0.0 mA
–
–
100
s
tOFFREFDDR
Turn-off time
Disable to 10% of initial value
VINREFDDR = 1.2 V, 1.8 V
IREFDDR = 0.0 mA
––
10
ms
VREFDDROSH
Start-up overshoot
VINREFDDR = 1.2 V, 1.8 V
IREFDDR = 0.0 mA
–1.0
6.0
%
VREFDDRTLR
Transient load response
VINREFDDR = 1.2 V, 1.8 V
–5.0
–
mV
Notes
32.
When VREFDDR is off there is a quiescent current of 1.5
A typical.
Table 21. VREFDDR electrical characteristics (continued)
PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = 3.6 V, IREFDDR = 0.0 mA, VINREFDDR = 1.5 V and typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V, IREFDDR = 0.0 mA, VINREFDDR = 1.5 V, and
25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com