Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 8Page - NXP Semiconductors MMPF0100Z Datasheet HTML 9Page - NXP Semiconductors MMPF0100Z Datasheet HTML 10Page - NXP Semiconductors MMPF0100Z Datasheet HTML 11Page - NXP Semiconductors MMPF0100Z Datasheet HTML 12Page - NXP Semiconductors MMPF0100Z Datasheet HTML 13Page - NXP Semiconductors MMPF0100Z Datasheet HTML 14Page - NXP Semiconductors MMPF0100Z Datasheet HTML 15Page - NXP Semiconductors MMPF0100Z Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 128 page
background image
12
NXP Semiconductors
PF0100Z
GENERAL PRODUCT CHARACTERISTICS
4.3.2
Current consumption
The current consumption of the individual blocks is described in detail throughout this specification. For convenience, a summary table
follows for standard use cases.
Table 8. Current consumption summary
PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN = 3.6 V, VDDIO = 1.7 V to 3.6 V, LICELL = 1.8 V to 3.3 V,
VSNVS = 3.0 V, typical external component values, unless otherwise noted. Typical values are characterized at VIN = 3.6 V,
VDDIO = 3.3 V, LICELL = 3.0 V, VSNVS = 3.0 V and 25 °C, unless otherwise noted.
Mode
PF0100Z conditions
System conditions
Typ.
Max.
Unit
Notes
Coin Cell
VSNVS from LICELL
All other blocks off
VIN = 0.0 V
VSNVSVOLT[2:0] = 110
No load on VSNVS
4.0
7.0
A
(16),(18),
(21)
Off
MMPF0100Z
VSNVS from VIN or LICELL
Wake-up from PWRON active
32 k RC on
All other blocks off
VIN
UVDET
No load on VSNVS, PMIC able to wake-up
16
21
A
(17),(18)
Off
MMPF0100AZ
VSNVS from VIN or LICELL
Wake-up from PWRON active
32 k RC on
All other blocks off
VIN
UVDET
No load on VSNVS, PMIC able to wake-up
17
25
A
(17),(18)
Sleep
VSNVS from VIN
Wake-up from PWRON active
Trimmed reference active
SW3A/B PFM
Trimmed 16 MHz RC off
32 k RC on
VREFDDR disabled
TA = -40 °C to 85 °C
TA = -40 °C to 105 °C (PF0100AZ Only)
No load on VSNVS. DDR memories in self
refresh
122
122
220
250
A
(18)
Standby
MMPF0100Z
VSNVS from either VIN or LICELL
SW1A/B combined in PFM
SW1C in PFM
SW2 in PFM
SW3A/B combined in PFM
SW4 in PFM
SWBST off
Trimmed 16 MHz RC enabled
Trimmed reference active
VGEN1-6 enabled
VREFDDR enabled
No load on VSNVS. Processor enabled in
low power mode. All rails powered on
except boost (load = 0 mA)
297
297
450 (19)
1000 (20)
A
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com