Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 70 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 70 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 66Page - NXP Semiconductors MMPF0100Z Datasheet HTML 67Page - NXP Semiconductors MMPF0100Z Datasheet HTML 68Page - NXP Semiconductors MMPF0100Z Datasheet HTML 69Page - NXP Semiconductors MMPF0100Z Datasheet HTML 70Page - NXP Semiconductors MMPF0100Z Datasheet HTML 71Page - NXP Semiconductors MMPF0100Z Datasheet HTML 72Page - NXP Semiconductors MMPF0100Z Datasheet HTML 73Page - NXP Semiconductors MMPF0100Z Datasheet HTML 74Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 128 page
background image
70
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.6.2
SW4 external components
6.4.4.6.3
SW4 specifications
Table 84. Register SW4CONF - ADDR 0x4E
Name
Bit #
R/W
Default
Description
SW4ILIM
0
R/W
0x00
SW4 current limit level selection
0 = High level Current limit
1 = Low level Current limit
UNUSED
1
R/W
0x00
unused
SW4FREQ
3:2
R/W
0x00
SW4 switching frequency selector. See Table 37.
SW4PHASE
5:4
R/W
0x00
SW4 phase clock selection. See Table 35.
SW4DVSSPEED
7:6
R/W
0x00
SW4 DVS speed selection. See Table 34.
Table 85. SW4 external component requirements
Components
Description
Values
CINSW4(55)
SW4 input capacitor
4.7
F
CIN4HF(55)
SW4 decoupling input capacitor
0.1
F
COSW4(55)
SW4 output capacitor
2 x 22
F
LSW4
SW4 inductor
1.0
H
DCR = 60 m
ISAT = 3.0 A
Notes
55.
Use X5R or X7R capacitors.
Table 86. SW4 electrical characteristics
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN =VINSW4 =3.6 V, VSW4 =1.8 V,
ISW4 = 100 mA, SW4_PWRSTG[2:0] = [101], typical external component values, fSW4 = 2.0 MHz, single/dual phase and independent
mode, unless otherwise noted. Typical values are characterized at VIN = VINSW4 = 3.6 V, VSW4 = 1.8 V, ISW4 = 100 mA,
SW4_PWRSTG[2:0] = [101], and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
Switch Mode Supply SW4
VINSW4
Operating input voltage
2.8
–
4.5
V
(56)
VSW4
Nominal output voltage
Normal operation
VTT mode
–
–
Table 78
VSW3AFB/2
–
–
V
VSW4ACC
Output voltage accuracy
• PWM, APS, 2.8 V < VIN < 4.5 V, 0 < ISW4 < 1.0 A
0.625 V < VSW4 < 0.85 V
0.875 V < VSW4 < 1.975 V
2.0 V < VSW4 < 3.3 V
• PFM, steady state, 2.8 V < VIN < 4.5 V, 0 < ISW4 < 50 mA
0.625 V < VSW4 < 0.675 V
0.7 V < VSW4 < 0.85 V
0.875 V < VSW4 < 1.975 V
2.0 V < VSW4 < 3.3 V
• VTT mode , 2.8 V < VIN < 4.5 V, 0 < ISW4 < 1.0 A
-25
-3.0%
-6.0%
-65
-45
-3.0%
-3.0%
-40
–
–
–
–
–
–
–
–
25
3.0%
6.0%
65
45
3.0%
3.0%
40
mV
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com