Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 75 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 71Page - NXP Semiconductors MMPF0100Z Datasheet HTML 72Page - NXP Semiconductors MMPF0100Z Datasheet HTML 73Page - NXP Semiconductors MMPF0100Z Datasheet HTML 74Page - NXP Semiconductors MMPF0100Z Datasheet HTML 75Page - NXP Semiconductors MMPF0100Z Datasheet HTML 76Page - NXP Semiconductors MMPF0100Z Datasheet HTML 77Page - NXP Semiconductors MMPF0100Z Datasheet HTML 78Page - NXP Semiconductors MMPF0100Z Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 128 page
background image
NXP Semiconductors
75
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6
LDO regulators description
This section describes the LDO regulators provided by the PF0100Z. All regulators use the main bandgap as reference. Refer to 6.3 Bias
and references block description, page 23 for further information on the internal reference voltages.
A low-power mode is automatically activated by reducing bias currents when the load current is less than I_Lmax/5. However, the lowest
bias currents may be attained by forcing the part into its low-power mode by setting the VGENxLPWR bit. The use of this bit is only
recommended when the load is expected to be less than I_Lmax/50, otherwise performance may be degraded. When a regulator is
disabled, the output is discharged by an internal pull-down. The pull-down is also activated when RESETBMCU is low.
Figure 24. General LDO block diagram
Switch mode supply SWBST (continued)
tSWBSTTR
Transient load response
ISWBST from 1.0 mA to 100 mA in 1.0 µs
Time to settle 80% of transient
–
–
500
µs
tSWBSTTR
Transient load response
ISWBST from 100 mA to 1.0 mA in 1.0 µs
Time to settle 80% of transient
––
20
ms
ISWBSTHSQ
NMOS Off leakage
SWBSTIN = 4.5 V, SWBSTMODE [1:0] = 00
–1.0
5.0
µA
tONSWBST
Turn-on time
Enable to 90% of VSWBST, ISWBST =0.0 mA
––
2.0
ms
fSWBST
Switching frequency
–
2.0
–
MHz
SWBST
Efficiency
ISWBST = ISWBSTMAX
–86–
%
Notes
60.
Only in auto mode.
Table 89. SWBST electrical specifications (continued)
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN =VINSWBST =3.6 V, VSWBST =5.0 V,
ISWBST = 100 mA, typical external component values, fSWBST = 2.0 MHz, otherwise noted. Typical values are characterized at
VIN =VINSWBST = 3.6 V, VSWBST =5.0 V, ISWBST = 100 mA, and 25 °C, unless otherwise noted.
Symbol
Parameters
Min.
Typ.
Max.
Units
Notes
VGENx
VINx
VINx
VGENx
CGENx
VGENxEN
VGENxLPWR
VREF
VGENx
I
2C
Interface
Discharge
+
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com