Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 63 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 59Page - NXP Semiconductors MMPF0100Z Datasheet HTML 60Page - NXP Semiconductors MMPF0100Z Datasheet HTML 61Page - NXP Semiconductors MMPF0100Z Datasheet HTML 62Page - NXP Semiconductors MMPF0100Z Datasheet HTML 63Page - NXP Semiconductors MMPF0100Z Datasheet HTML 64Page - NXP Semiconductors MMPF0100Z Datasheet HTML 65Page - NXP Semiconductors MMPF0100Z Datasheet HTML 66Page - NXP Semiconductors MMPF0100Z Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 128 page
background image
NXP Semiconductors
63
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.5.5
SW3A/B external components
Table 74. Register SW3BMODE - ADDR 0x46
Name
Bit #
R/W
Default
Description
SW3BMODE
3:0
R/W
0x80
Sets the SW3B (Independent) switching
operation mode. See Table 29 for all possible
configurations.
UNUSED
4
–
0x00
unused
SW3BOMODE
5
R/W
0x00
Set status of SW3B (Independent) when in sleep
mode.
0 = OFF
1 = PFM
UNUSED
7:6
–
0x00
unused
Table 75. Register SW3BCONF - ADDR 0x47
Name
Bit #
R/W
Default
Description
SW3BILIM
0
R/W
0x00
SW3B current limit level selection
0 = High level current limit
1 = Low level current limit
UNUSED
1
R/W
0x00
unused
SW3BFREQ
3:2
R/W
0x00
SW3B switching frequency selector. See Table 37.
SW3BPHASE
5:4
R/W
0x00
SW3B phase clock selection. See Table 35.
SW3BDVSSPEED
7:6
R/W
0x00
SW3B DVS speed selection. See Table 34.
Table 76. SW3A/B external component requirements
Mode
Components
Description
SW3A/B single
phase
SW3A/B dual
phase
SW3A independent
SW3B independent
CINSW3A(51)
SW3A input capacitor
4.7
F4.7 F4.7 F
CIN3AHF(51)
SW3A decoupling input capacitor
0.1
F0.1 F0.1 F
CINSW3B(51)
SW3B input capacitor
4.7
F4.7 F4.7 F
CIN3BHF(51)
SW3B decoupling input capacitor
0.1
F0.1 F0.1 F
COSW3A(51)
SW3A output capacitor
4 x 22
F2 x 22 F2 x 22 F
COSW3B(51)
SW3B output capacitor
–
2 x 22
F2 x 22 F
LSW3A
SW3A inductor
1.0
H
DCR = 50 m
ISAT = 3.9 A
1.0
H
DCR = 60 m
ISAT = 3.0 A
1.0
H
DCR = 60 m
ISAT = 3.0 A
LSW3B
SW3B inductor
–
1.0
H
DCR = 60 m
ISAT = 3.0 A
1.0
H
DCR = 60 m
ISAT = 3.0 A
Notes
51.
Use X5R or X7R capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com