Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 45Page - NXP Semiconductors MMPF0100Z Datasheet HTML 46Page - NXP Semiconductors MMPF0100Z Datasheet HTML 47Page - NXP Semiconductors MMPF0100Z Datasheet HTML 48Page - NXP Semiconductors MMPF0100Z Datasheet HTML 49Page - NXP Semiconductors MMPF0100Z Datasheet HTML 50Page - NXP Semiconductors MMPF0100Z Datasheet HTML 51Page - NXP Semiconductors MMPF0100Z Datasheet HTML 52Page - NXP Semiconductors MMPF0100Z Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
NXP Semiconductors
49
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
Figure 14. SW1AB and SW1C efficiency waveforms
SW1AB single phase
SW1C independent mode
SW1ABC single phase
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
10000
PFM ‐ Vout = 1.2V
APS ‐ Vout = 1.2V
PWM ‐ Vout = 1.2V
Load current (mA)
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
PFM ‐ Vout = 1.2V
APS ‐ Vout = 1.2V
PWM ‐ Vout = 1.2v
Load current (mA)
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
PFM ‐ Vout = 1.2V
APS ‐ Vout = 1.2V
PWM ‐ Vout = 1.2v
Load current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com