Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 80 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 76Page - NXP Semiconductors MMPF0100Z Datasheet HTML 77Page - NXP Semiconductors MMPF0100Z Datasheet HTML 78Page - NXP Semiconductors MMPF0100Z Datasheet HTML 79Page - NXP Semiconductors MMPF0100Z Datasheet HTML 80Page - NXP Semiconductors MMPF0100Z Datasheet HTML 81Page - NXP Semiconductors MMPF0100Z Datasheet HTML 82Page - NXP Semiconductors MMPF0100Z Datasheet HTML 83Page - NXP Semiconductors MMPF0100Z Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 128 page
background image
80
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.4
External components
Table 100 lists the typical component values for the general purpose LDO regulators.
6.4.6.5
LDO specifications
6.4.6.5.1
VGEN1
Table 99. Register VGEN6CTL - ADDR 0x71
Name
Bit #
R/W
Default
Description
VGEN6
3:0
R/W
0x80
Sets VGEN6 output voltage.
See Table 92 for all possible configurations.
VGEN6EN
4
–
0x00
Enables or disables VGEN6 output
0 = OFF
1 = ON
VGEN6STBY
5
R/W
0x00
Set VGEN6 output state when in standby. Refer
to Table 93.
VGEN6LPWR
6
R/W
0x00
Enable low-power mode for VGEN6. Refer to
Table 93.
UNUSED
7
–
0x00
unused
Table 100. LDO external components
Regulator
Output capacitor (
F)(62)
VGEN1
2.2
VGEN2
4.7
VGEN3
2.2
VGEN4
4.7
VGEN5
2.2
VGEN6
2.2
Notes
62.
Use X5R/X7R ceramic capacitors.
Table 101. VGEN1 electrical characteristics
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN =3.6 V, VIN1 =3.0 V,
VGEN1[3:0] = 1111, IGEN1 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, IN1 = 3.0 V, VGEN1[3:0] = 1111, IGEN1 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min.
Typ.
Max.
Unit
Notes
VGEN1
VIN1
Operating input voltage
1.75
–
3.40
V
VGEN1NOM
Nominal output voltage
–
Table 91
–V
IGEN1
Operating load current
0.0
–
100
mA
VGEN1 DC
VGEN1TOL
Output voltage tolerance
1.75 V < VIN1 < 3.4 V
0.0 mA < IGEN1 < 100 mA
VGEN1[3:0] = 0000 to 1111
-3.0
–
3.0
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com