Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 74 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 74 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 70Page - NXP Semiconductors MMPF0100Z Datasheet HTML 71Page - NXP Semiconductors MMPF0100Z Datasheet HTML 72Page - NXP Semiconductors MMPF0100Z Datasheet HTML 73Page - NXP Semiconductors MMPF0100Z Datasheet HTML 74Page - NXP Semiconductors MMPF0100Z Datasheet HTML 75Page - NXP Semiconductors MMPF0100Z Datasheet HTML 76Page - NXP Semiconductors MMPF0100Z Datasheet HTML 77Page - NXP Semiconductors MMPF0100Z Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 128 page
background image
74
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.5.2
SWBST external components
6.4.5.3
SWBST specifications
Table 88. SWBST external component requirements
Components
Description
Values
CINBST(59)
SWBST input capacitor
10
F
CINBSTHF(59)
SWBST decoupling input capacitor
0.1
F
COBST(59)
SWBST output capacitor
2 x 22
F
LSBST
SWBST inductor
2.2
H
DBST
SWBST boost diode
1.0 A, 20 V Schottky
Notes
59.
Use X5R or X7R capacitors.
Table 89. SWBST electrical specifications
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40 °C to 105 °C, VIN =VINSWBST =3.6 V, VSWBST =5.0 V,
ISWBST = 100 mA, typical external component values, fSWBST = 2.0 MHz, otherwise noted. Typical values are characterized at
VIN =VINSWBST = 3.6 V, VSWBST = 5.0 V, ISWBST = 100 mA, and 25 °C, unless otherwise noted.
Symbol
Parameters
Min.
Typ.
Max.
Units
Notes
Switch mode supply SWBST
VINSWBST
Input voltage range
2.8
–
4.5
V
VSWBST
Nominal output voltage
–
Table 87
–V
VSWBSTACC
Output voltage accuracy
2.8 V
 VIN  4.5 V
0 < ISWBST < ISWBSTMAX
-4.0
–
3.0
%
VSWBST
Output ripple
2.8 V
 VIN  4.5 V
0 < ISWBST < ISWBSTMAX, excluding reverse recovery of Schottky
diode
–
–
120
mV Vp-p
VSWBSTLOR
DC load regulation
0 < ISWBST < ISWBSTMAX
–0.5
–
mV/mA
VSWBSTLIR
DC line regulation
2.8 V
 VIN 4.5 V, ISWBST = ISWBSTMAX
–
50
–
mV
ISWBST
Continuous load current
2.8 V
 VIN  3.0 V
3.0 V
 VIN  4.5 V
–
–
–
–
500
600
mA
ISWBSTQ
Quiescent current
auto
–
222
289
A
RDSONBST
MOSFET on resistance
–
206
306
m
ISWBSTLIM
Peak current limit
1400
2200
3200
mA
(60)
VSWBSTOSH
Start-up overshoot
ISWBST =0.0 mA
–
–
500
mV
VSWBSTTR
Transient load response
ISWBST from 1.0 mA to 100 mA in 1.0 µs
Maximum transient amplitude
–
–
300
mV
VSWBSTTR
Transient load response
ISWBST from 100 mA to 1.0 mA in 1.0 µs
Maximum transient amplitude
–
–
300
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com