Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 53 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 49Page - NXP Semiconductors MMPF0100Z Datasheet HTML 50Page - NXP Semiconductors MMPF0100Z Datasheet HTML 51Page - NXP Semiconductors MMPF0100Z Datasheet HTML 52Page - NXP Semiconductors MMPF0100Z Datasheet HTML 53Page - NXP Semiconductors MMPF0100Z Datasheet HTML 54Page - NXP Semiconductors MMPF0100Z Datasheet HTML 55Page - NXP Semiconductors MMPF0100Z Datasheet HTML 56Page - NXP Semiconductors MMPF0100Z Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 128 page
background image
NXP Semiconductors
53
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.4.4.2
SW2 external components
Table 58. Register SW2OFF - ADDR 0x37
Name
Bit #
R/W
Default
Description
SW2OFF
5:0
R/W
0x00
Sets the SW2 output voltage during sleep mode. See
Table 54 for all possible configurations.
SW2OFF
6
R
0x00
Sets the operating output voltage range for SW2 on
sleep mode. This bit inherits the value configured on
bit SW2[6] during OTP or TBB configuration. See
Table 54 for all possible configurations.
UNUSED
7
–
0x00
unused
Table 59. Register SW2MODE - ADDR 0x38
Name
Bit #
R/W
Default
Description
SW2MODE
3:0
R/W
0x80
Sets the SW2 switching operation mode.
See Table 29 for all possible configurations.
UNUSED
4
–
0x00
unused
SW2OMODE
5
R/W
0x00
Set status of SW2 when in sleep mode
0 = OFF
1 = PFM
UNUSED
7:6
–
0x00
unused
Table 60. Register SW2CONF - ADDR 0x39
Name
Bit #
R/W
Default
Description
SW2ILIM
0
R/W
0x00
SW2 current limit level selection (45)
0 = High level current limit
1 = Low level current limit
UNUSED
1
R/W
0x00
unused
SW2FREQ
3:2
R/W
0x00
SW2 switching frequency selector.
See Table 37.
SW2PHASE
5:4
R/W
0x00
SW2 phase clock selection.
See Table 35.
SW2DVSSPEED
7:6
R/W
0x00
SW2 DVS speed selection.
See Table 34.
Notes
45.
SW2ILIM = 0 must be used in NP/F9/FA versions if 2.5 A output load current is desired
Table 61. SW2 external component recommendations
Components
Description
Values
CINSW2(46)
SW2 input capacitor
4.7
F
CIN2HF(46)
SW2 decoupling input capacitor
0.1
F
COSW2(46)
SW2 output capacitor
2 x 22
F
LSW2
SW2 inductor
1.0
H
DCR = 50 m
ISAT = 2.65 A
Notes
46.
Use X5R or X7R capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com