Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 89 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 89 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 85Page - NXP Semiconductors MMPF0100Z Datasheet HTML 86Page - NXP Semiconductors MMPF0100Z Datasheet HTML 87Page - NXP Semiconductors MMPF0100Z Datasheet HTML 88Page - NXP Semiconductors MMPF0100Z Datasheet HTML 89Page - NXP Semiconductors MMPF0100Z Datasheet HTML 90Page - NXP Semiconductors MMPF0100Z Datasheet HTML 91Page - NXP Semiconductors MMPF0100Z Datasheet HTML 92Page - NXP Semiconductors MMPF0100Z Datasheet HTML 93Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 128 page
background image
NXP Semiconductors
89
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
6.4.6.5.6
VGEN6
Table 106. VGEN6 electrical characteristics
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40°C to 105°C, VIN =3.6 V, VIN3 = 3.6 V,
VGEN6[3:0] = 1111, IGEN6 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN =3.6 V, VIN3 = 3.6 V, VGEN6[3:0] = 1111, IGEN6 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VGEN6
VIN3
Operating input voltage
1.8 V
 VGEN6NOM  2.5 V
2.6 V
 VGEN6NOM  3.3 V
2.8
VGEN6NO
M+ 0.250
–
–
4.5
4.5
V
(71)
VGEN6NOM
Nominal output voltage
–
Table 92
–V
IGEN6
Operating load current
0.0
–
200
mA
VGEN6 DC
VGEN6TOL
Output voltage tolerance
VIN3MIN < VIN3 < 4.5 V
0.0 mA < IGEN6 < 200 mA
VGEN6[3:0] = 0000 to 1111
-3.0
–
3.0
%
VGEN6LOR
Load regulation
(VGEN6 at IGEN6 = 200 mA) - (VGEN6 at IGEN6 = 0.0 mA)
For any VIN3MIN < VIN3 < 4.5 V
–0.10–
mV/mA
VGEN6LIR
Line regulation
(VGEN6 at VIN3 = 4.5 V) - (VGEN6 at VIN3MIN)
For any 0.0 mA < IGEN6 < 200 mA
–0.50–
mV/mA
IGEN6LIM
Current limit
IGEN6 when VGEN6 is forced to VGEN6NOM/2
PF0100Z
PF0100AZ
232
232
333
333
400
475
mA
IGEN6OCP
Overcurrent protection threshold
IGEN6 required to cause the SCP function to disable LDO when
REGSCPEN = 1
PF0100Z
PF0100AZ
220
220
–
–
400
475
mA
IGEN6Q
Quiescent current
No load, change in IVIN and IVIN3
When VGEN6 enabled
–13
–
A
VGEN6 AC and transient
PSRRVGEN6
PSRR
•IGEN6 = 150 mA, 20 Hz to 20 kHz
VGEN6[3:0] = 0000 - 1111, VIN3 = VIN3MIN + 100 mV
VGEN6[3:0] = 0000 - 1111, VIN3 = VGEN6NOM + 1.0 V
35
52
40
60
–
–
dB
(72)
NOISEVGEN6
Output noise density
•VIN3 = VIN3MIN, IGEN6 = 150 mA
100 Hz – <1.0 kHz
1.0 kHz – <10 kHz
10 kHz – 1.0 MHz
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
Hz
SLWRVGEN6
Turn-on slew rate
• 10% to 90% of end value
•VIN3MIN VIN3 4.5 V. IGEN6 = 0.0 mA
VGEN6[3:0] = 0000 to 0011
VGEN6[3:0] = 0100 to 0111
VGEN6[3:0] = 1000 to 1011
VGEN6[3:0] = 1100 to 1111
–
–
–
–
–
–
–
–
22.0
26.5
30.5
34.5
mV
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com