Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMPF0100Z Datasheet(PDF) 86 Page - NXP Semiconductors

Part # MMPF0100Z
Description  14 channel configurable power management integrated circuit
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMPF0100Z Datasheet(HTML) 86 Page - NXP Semiconductors

Back Button MMPF0100Z Datasheet HTML 82Page - NXP Semiconductors MMPF0100Z Datasheet HTML 83Page - NXP Semiconductors MMPF0100Z Datasheet HTML 84Page - NXP Semiconductors MMPF0100Z Datasheet HTML 85Page - NXP Semiconductors MMPF0100Z Datasheet HTML 86Page - NXP Semiconductors MMPF0100Z Datasheet HTML 87Page - NXP Semiconductors MMPF0100Z Datasheet HTML 88Page - NXP Semiconductors MMPF0100Z Datasheet HTML 89Page - NXP Semiconductors MMPF0100Z Datasheet HTML 90Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 128 page
background image
86
NXP Semiconductors
PF0100Z
FUNCTIONAL BLOCK REQUIREMENTS AND BEHAVIORS
VGEN4 DC (continued)
VGEN4LIR
Line regulation
(VGEN4 at 3.6 V) - (VGEN4 at VIN2MIN)
For any 0.0 mA < IGEN4 < 350 mA
–0.80–
mV/mA
IGEN4LIM
Current limit
IGEN4 when VGEN4 is forced to VGEN4NOM/2
435
584.5
700
mA
IGEN4OCP
Overcurrent protection threshold
IGEN4 required to cause the SCP function to disable LDO when
REGSCPEN = 1
420
–
700
mA
IGEN4Q
Quiescent current
No load, change in IVIN and IVIN2
When VGEN4 enabled
–13
–
A
VGEN4 AC and transient
PSRRVGEN4
PSRR
•IGEN4 = 262.5 mA, 20 Hz to 20 kHz
VGEN4[3:0] = 0000 - 1110, VIN2 = VIN2MIN + 100 mV
VGEN4[3:0] = 0000 - 1000, VIN2 = VGEN4NOM + 1.0 V
35
55
40
60
–
–
dB
(68)
NOISEVGEN4
Output noise density
•VIN2 = VIN2MIN, IGEN4 = 262.5 mA
100 Hz – <1.0 kHz
1.0kHz – <10kHz
10 kHz – 1.0 MHz
–
–
–
-114
-129
-135
-102
-123
-130
dBV/
Hz
SLWRVGEN4
Turn-on slew rate
• 10% to 90% of end value
•VIN2MIN VIN2 3.6 V, IGEN4 = 0.0 mA
VGEN4[3:0] = 0000 to 0011
VGEN4[3:0] = 0100 to 0111
VGEN4[3:0] = 1000 to 1011
VGEN4[3:0] = 1100 to 1111
–
–
–
–
–
–
–
–
22.0
26.5
30.5
34.5
mV
s
GEN4tON
Turn-on time
Enable to 90% of end value, VIN2 = VIN2MIN, 3.6 V
IGEN4 = 0.0 mA
60
–
500
s
GEN4tOFF
Turn-off time
Disable to 10% of initial value, VIN2 = VIN2MIN
IGEN4 = 0.0 mA
––
10
ms
GEN4OSHT
Start-up overshoot
VIN2 = VIN2MIN, 3.6 V, IGEN4 = 0.0 mA
–1.0
2.0
%
VGEN4LOTR
Transient load response
VIN2 = VIN2MIN, 3.6 V
IGEN4 = 35 mA to 350 mA in 1.0 s
Peak of overshoot or undershoot of VGEN4 with respect to final
value. Refer to Figure 25
––
3.0
%
Table 104. VGEN4 electrical characteristics (continued)
All parameters are specified at PF0100Z TA = -40 °C to 85 °C, PF0100AZ TA = -40°C to 105°C, VIN =3.6 V, VIN2 = 3.6 V,
VGEN4[3:0] = 1111, IGEN4 = 10 mA, typical external component values, unless otherwise noted. Typical values are characterized at
VIN = 3.6 V, VIN2 = 3.6 V, VGEN4[3:0] = 1111, IGEN4 = 10 mA, and 25 °C, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com