Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 122 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 122 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 118Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 119Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 120Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 121Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 122Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 123Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 124Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 125Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 126Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 216 page
background image
120
S75WS256Nxx Based MCPs
S75WS-N-00_00_A0 February 17, 2005
Data
Sheet
After the Program Resume command is written, the device reverts to programming. The system
can determine the status of the program operation using the DQ7 or DQ6 status bits, just as in
the standard program operation. See Write Operation Status for more information. The system
must write the Program Resume command (address bits are don’t care) to exit the Program Sus-
pend mode and continue the programming operation. Further writes of the Program Resume
command are ignored. Another Program Suspend command can be written after the device has
resume programming.
20.2 Volatile Sector Protection Command Set
The Volatile Sector Protection Command Set permits the user to set the Dynamic Protection Bit
(DYB), clear the Dynamic Protection Bit (DYB), and read the logic state of the Dynamic Protection
Bit (DYB).
The Volatile Sector Protection Command Set Entry command sequence must be issued prior
to any of the commands listed following to enable proper command execution. Note that issuing
the Volatile Sector Protection Command Set Entry command disables reads and writes for
the device with the command.
DYB Set Command
DYB Clear Command
DYB Status Read Command
The DYB Set/Clear command is used to set or clear a DYB for a given sector. The address bits
are issued at the same time as the code 00h or 01h on DQ7-DQ0. All other DQ data bus pins are
ignored during the data write cycle. The DYBs are modifiable at any time, regardless of the state
of the PPB or PPB Lock Bit. The DYBs are cleared (erased to ‘1’) at power-up or hardware reset
and are thus in an unprotected state.
The programming state of the DYB for a given sector can be verified by writing a DYB Status
Read Command to the device.
The Volatile Sector Protection Command Set Exit command must be issued after the execu-
tion of the commands listed previously to reset the device to read mode. Otherwise the device
will hang.
Note that issuing the Volatile Sector Protection Command Set Exit command re-enables
reads and writes for the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com