Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S75WS256NDFBAWMB Datasheet(PDF) 124 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 124 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 120Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 121Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 122Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 123Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 124Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 125Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 126Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 127Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 128Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 216 page
background image
122
S75WS256Nxx Based MCPs
S75WS-N-00_00_A0 February 17, 2005
Data
Sheet
22 Write Operation Status
The device provides several bits to determine the status of a program or erase operation: DQ1,
DQ2, DQ3, DQ5, DQ6, and DQ7. Table 22.13 and the following subsections describe the function
of these bits. DQ7 and DQ6 each offers a method for determining whether a program or erase
operation is complete or in progress.
22.1 DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded Program or Erase
algorithm is in progress or completed, or whether the device is in Erase Suspend. Data# Polling
is valid after the rising edge of the final WE# pulse in the command sequence. Note that the
Data# Polling is valid only for the last word being programmed in the write-buffer-page
during Write Buffer Programming. Reading Data# Polling status on any word other
than the last word to be programmed in the write-buffer-page will return false status
information.
During the Embedded Program algorithm, the device outputs on DQ7 the complement of the
datum programmed to DQ7. This DQ7 status also applies to programming during Erase Suspend.
When the Embedded Program algorithm is complete, the device outputs the datum programmed
to DQ7. The system must provide the program address to read valid status information on DQ7.
If a program address falls within a protected sector, Data# Polling on DQ7 is active for approxi-
mately tPSP, then the device returns to the read mode.
During the Embedded Erase algorithm, Data# Polling produces a 0 on DQ7. When the Embedded
Erase algorithm is complete, or if the device enters the Erase Suspend mode, Data# Polling pro-
duces a 1 on DQ7. The system must provide an address within any of the sectors selected for
erasure to read valid status information on DQ7.
After an erase command sequence is written, if all sectors selected for erasing are protected,
Data# Polling on DQ7 is active for approximately tASP, then the device returns to the read mode.
If not all selected sectors are protected, the Embedded Erase algorithm erases the unprotected
sectors, and ignores the selected sectors that are protected. However, if the system reads DQ7
at an address within a protected sector, the status may not be valid.
Just prior to the completion of an Embedded Program or Erase operation, DQ7 may change asyn-
chronously with DQ6–DQ0 while Output Enable (OE#) is asserted low. That is, the device may
change from providing status information to valid data on DQ7. Depending on when the system
samples the DQ7 output, it may read the status or valid data. Even if the device has completed
the program or erase operation and DQ7 has valid data, the data outputs on DQ6-DQ0 may be
still invalid. Valid data on DQ7-D00 will appear on successive read cycles.
Table 22.13 shows the outputs for Data# Polling on DQ7. Figure 22.5 shows the Data# Polling
algorithm. Figure 25.13 in the AC Characteristics section shows the Data# Polling timing diagram.
Notes:
1. VA = Valid adntsbdress for programming. During a sector erase operation, a valid address is any sector address within
the sector being erased. During chip erase, a valid address is any non-protected sector address.
2. DQ7 should be rechecked even if DQ5 = 1 because DQ7 may change simultaneously with DQ5.
Figure 22.5 Data# Polling Algorithm
22.2 DQ6: Toggle Bit I
Toggle Bit I on DQ6 indicates whether an Embedded Program or Erase algorithm is in progress or
complete, or whether the device has entered the Erase Suspend mode. Toggle Bit I may be read
at any address in the device, and is valid after the rising edge of the final WE# pulse in the com-
mand sequence (prior to the program or erase operation), and during the sector erase time-out.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com