Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  AD8336ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD8336
Rev. 0 | Page 5 of 28
Parameter
Conditions
Min
Typ
Max
Unit
Power Dissipation
VS = ±3 V
150
mW
VS = ±5 V
260
mW
VS = ±12 V
672
mW
PSRR
VGAIN = 0.7 V, f = 1 MHz
−40
dB
1 All dBm values are calculated with 50 Ω reference, unless otherwise noted.
2 Conformance to theoretical gain expression (see the S
section).
etting the Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com