Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
AD8336
Rev. 0 | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage (VPOS, VNEG)
±15 V
Input Voltage (INPP, INPN)
VPOS, VNEG
Gain Voltage (GPOS, GNEG)
VPOS, VNEG
PWRA
5 V, GND
Power Dissipation
VS ≤ ±5 V
0.43 W
±5 V < VS ≤ ±12 V
1.12 W
Operating Temperature Range
±3 V < VS ≤ ±10 V
–55°C to +125°C
±10 V < VS ≤ ±12 V
–55°C to +85°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering 60 sec)
300°C
Thermal Data (4-layer JEDEC board, no air
flow, exposed pad soldered to PC board)
θJA
58.2°C/W
θJB
35.9°C/W
θJC
9.2°C/W
ΨJT
1.1°C/W
ΨJB
34.5°C/W
Stresses above those listed under the Absolute Maximum
Ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com