Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
AD8336
Rev. 0 | Page 23 of 28
APPLICATIONS
AMPLIFIER CONFIGURATION
The AD8336 amplifiers can be configured in various options.
In addition to the 60 dB gain range variable gain stage, an
uncommitted voltage gain amplifier is available to the user as a
preamplifier. The preamplifier connections are separate to
enable noninverting or inverting gain configurations or the use
of interstage filtering. The AD8336 can be used as a cascade
connected VGA with preamp input, as a standalone VGA, or as
a standalone preamplifier. This section describes some of the
possible applications.
VOUT
VGAI
2
13
PRAO
1
GNEG
AD8336
3
VCOM
VPOS
9
GPOS
8
34dB
PrA
PWRA
ATTENUATOR
–60dB TO 0dB
12
GAIN CONTROL
INTERFACE
11
INPP 4
5
INPN
+
BIAS
10
VNEG
Figure 79. Application Block Diagram
PREAMPLIFIER
While observing just a few constraints, the uncommitted
voltage feedback preamplifier of the AD8336 can be connected
in a variety of standard high frequency op amp configurations.
The amplifier is optimized for a gain of 4×, (12 dB) and has a
gain bandwidth product of 600 MHz. At a gain of 4×, the
bandwidth is 150 MHz. The preamplifier gain can be adjusted
to a minimum gain of 2×; however, there will be a small peak in
the response at high frequencies. At higher preamplifier gains,
the bandwidth diminishes proportionally in conformance to the
classical voltage gain amplifier GBW relationship.
While setting the overall gain of the AD8336, the user needs to
consider the input referred offset voltage of the preamplifier.
Although the offset of the attenuator and postamplifier are
almost negligible, the preamplifier offset voltage, if uncorrected,
is increased by the combined gain of the preamplifier and
postamplifier. Thus for a maximum gain of 60 dB, an input offset
voltage of only 200 μV results in an error of 200 mV at the output.
Circuit Configuration for Noninverting Gain
The noninverting configuration is shown in Figure 80. The
preamp gain is described by the classical op amp gain equation
1
1
2
+
=
FB
FB
R
R
Gain
The practical gain limits for this amplifier are 6 dB to 26 dB.
The gain bandwidth product is about 600 MHz, so that at 150
MHz, the maximum achievable gain is 12 dB (4×). The minimum
gain is established internally by fixed loop compensation, and is
6 dB (2×). This amplifier is not designed for unity gain operation.
Table 5 shows the gain bandwidth for the noninverting gain
configuration.
PRAO
CIRCUIT CONFIGURATION FOR NONINVERTING GAIN
34dB
AD8336
PREAMPLIFIER
–60dB TO 0dB
INPP
4
5
INPN
9
GAIN = 12dB
RFB1
100Ω
VGAI
13
VPOS
VNEG
10
+5V
–5V
PWRA
2
3
VCOM
8
RFB2
301Ω
VOUT
1
Figure 80. Circuit Configuration for Noninverting Gain
The preamplifier output reliably sources and sinks currents up
to 50 mA. When using ±5 V power supplies, the suggested sum
of the output resistor values is 400 Ω total for the optimal trade-
off between distortion and noise. Much of the low gain value
device characterization was performed with resistor values of
301 Ω and 100 Ω, resulting in a preamplifier gain of 12 dB (4×).
With supply voltages between ±5 V and ±12 V, the sum of the
output resistance should be increased accordingly and a total
resistance of 1 kΩ is recommended. Larger resistance values,
subject to a trade-off in higher noise performance, can be used
if circuit power and load driving is an issue. When considering
the total power dissipation, remember that the input ladder
resistance of the VGA is part of the preamp load.
Table 5. Gain vs. Bandwidth for Noninverting Preamplifier
Configuration.
Preamp Gain
Numerical
dB
Preamp BW
(MHz)
Composite
Gain (dB)
12
150
−14 to +46
18
60
−8 to +52
16×
24
30
−2 to +58
20×
26
25
0 to 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com