Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8336
Rev. 0 | Page 9 of 28
0
PREAMP GAIN = 4×, f = 1MHz
PREAMP GAIN = 20×, f = 1MHz
PREAMP GAIN = 4×, f = 10MHz
PREAMP GAIN = 20×, f = 10MHz
0
–800
VGAIN (mV)
–600
–400
–200
200
400
600
800
2.0
–2.0
–1.5
–1.0
–0.5
0.5
1.0
1.5
Figure 9. Gain Error vs. VGAIN at 1 MHz and 10 MHz and
for Preamp Gains of 4× and 20×
1.5
1.0
2.0
0.5
0
–2.0
–0.5
–1.0
–1.5
0
–800
VGAIN (mV)
–600
–400
–200
200
400
600
800
PREAMP GAIN = –3×, f = 1MHz
PREAMP GAIN = –3×, f = 10MHz
PREAMP GAIN = –19×, f = 1MHz
PREAMP GAIN = –19×, f = 10MHz
Figure 10. Gain Error vs. VGAIN at 1 MHz and 10 MHz and
for Inverting Preamp Gains of −3× and −19×
–15
–15
–10
–5
0
5
10
0
–5
–10
15
35
50
45
40
COMMON-MODE VOLTAGE OF VGAIN
VS = ±12V
VS = ±5V
VS = ±3V
Figure 11. Common-Mode Voltage at Pin VGAIN vs. VGAIN
GAIN ERROR (dB)
0
30
50
20
40
10
60 UNITS
VGAIN = –0.3V
VGAIN = +0.3V
Figure 12. Gain Error Histogram
GAIN SCALING (dB/V)
0
30
50
20
40
10
49.6
49.7
49.8
49.9
50.0
50.1
50.2
60 UNITS
–0.3V ≤ VGAIN ≤ 0.3V
Figure 13. Gain Scaling Factor Histogram
–60
–40
0
20
–20
–80
–140
–120
–100
–160
–200
–180
–220
T = +125°C
T = +85°C
T = +25°C
T = –40°C
T = –55°C
VGAIN (V)
0.2
00
0.6
0.4
–0.8
–0.6
–0.2
–0.4
.8
Figure 14. Output Offset Voltage vs. VGAIN for
Various Values of Temperature (T)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com