Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD8336
Rev. 0 | Page 17 of 28
TEST CIRCUITS
NETWORK ANALYZER
50Ω
IN
OUT
453Ω
100Ω
301Ω
49.9Ω
50Ω
VGAIN
AD8336
4
5
11
8
1
12
PrA
+
9
Figure 56. Gain vs. VGAIN and Gain Error vs. VGAIN
NETWORK ANALYZER
100Ω
301Ω
49.9Ω
50Ω
IN
OUT
453Ω
OPTIONAL
CLOAD
50Ω
4
5
11
5
1
12
PrA
+
8
AD8336
VGAIN
Figure 57. Frequency Response
NETWORK ANALYZER
100Ω
301Ω
49.9Ω
50Ω
IN
OUT
50Ω
453Ω NC
NC
453Ω
4
5
11
8
1
12
PrA
+
9
AD8336
NC = NO CONNECT
Figure 58. Frequency Response of the Preamp
NETWORK ANALYZER
100Ω
301Ω
49.9Ω
50Ω
IN
OUT
50Ω
453Ω
4
5
11
8
1
12
PrA
+
9
AD8336
Figure 59. Group Delay
100Ω
301Ω
453Ω
50Ω
DMM
4
5
11
8
1
12
PrA
+
9
+
¯
AD8336
Figure 60. Offset Voltage
NETWORK ANALYZER
0Ω
0Ω
100Ω
301Ω
49.9Ω
50Ω
IN
NC
NC
4
5
11
8
1
12
PrA
+
9
AD8336
NC = NO CONNECT
CONFIGURE TO
MEASURE
Z-CONVERTED S22
Figure 61. Output Resistance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com