Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD8336
Rev. 0 | Page 18 of 28
100Ω
SPECTRUM ANALYZER
301Ω
IN
50Ω
5
11
8
1
12
PrA
+
9
4
AD8336
VGAIN
Figure 62. Input Referred Noise and Output Referred Noise
NOISE FIGURE METER
100Ω
1
301Ω
49.9Ω
(OR ∞)
INPUT
0Ω
0Ω
NOISE
SOURCE
DRIVE
NOISE
SOURCE
4
5
11
8
1
12
PrA
+
9
AD8336
VGAIN
Figure 63. Noise Figure vs. VGAIN
SPECTRUM ANALYZER
100Ω
301Ω
49.9Ω
INPUT
LOW-PASS
FILTER
CLOAD
50Ω
RLOAD
4
5
11
8
1
12
PrA
+
9
SIGNAL
GENERATOR
AD8336
VGAIN
Figure 64. Harmonic Distortion
OSCILLOSCOPE
301Ω
CH2
50Ω
OUT
50Ω
CH1
PULSE
GENERATOR
49.9Ω
20Ω 453Ω
0.7V
POWER
SPLITTER
100Ω
4
5
11
8
1
12
PrA
+
9
OPTIONAL
AD8336
Figure 65. Pulse Response
OSCILLOSCOPE
100Ω
301Ω
CH2
50Ω
SQUARE
WAVE
50Ω
CH1
FUNCTION
GENERATOR
49.9Ω
NC
NC = NO CONNECT
POWER
SPLITTER
DIFFERENTIAL
FET PROBE
4
5
8
1
12
PrA
+
9
11
453Ω
SINE
WAVE
PULSE
GENERATOR
AD8336
Figure 66. Gain Response
OSCILLOSCOPE
100Ω
301Ω
CH2
50Ω
CH1
49.9Ω
POWER
SPLITTER
50Ω
453Ω
NC
4
5
11
8
1
12
PrA
+
9
–20dB
ARBITRARY
WAVEFORM
GENERATOR
0.7V
AD8336
NC = NO CONNECT
Figure 67. VGA Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com