Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8336ACPZ-R7 Datasheet HTML 1Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 2Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
General-Purpose, −55°C to +125°C,
Wide Bandwidth, DC-Coupled VGA
AD8336
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Low noise
Voltage noise: 3 nV/√Hz
Current noise: 3 pA/√Hz
Small signal BW: 115 MHz
Large signal BW: 2 V p-p = 80 MHz
Slew rate: 550 V/µs, 2 V p-p
Gain ranges (specified)
−14 dB to +46 dB,
0 dB to 60 dB
Gain scaling: 50 dB/V
DC-coupled
Single-ended input and output
Supplies:
±3 V to ±12 V
Temperature Range: −55°C to +125°C
Power
150 mW @
±3 V, −55°C < T < +125°C
84 mW @ ±3 V, PWRA = 3 V
APPLICATIONS
Industrial process controls
High performance AGC systems
I/Q signal processing
Video
Industrial and medical ultrasound
Radar receivers
FUNCTIONAL BLOCK DIAGRAM
VOUT
VGAI
PRAO
GNEG
AD8336
VCOM
VPOS
GPOS
34dB
PrA
PWRA
ATTENUATOR
–60dB TO 0dB
GAIN CONTROL
INTERFACE
INPP
INPN
+
BIAS
VNEG
4
5
2
13
3
11
12
1
10
9
8
Figure 1.
GENERAL DESCRIPTION
The AD8336 is a low noise, single-ended, linear-in-dB, general-
purpose variable gain amplifier, usable over a large range of
supply voltages. It features an uncommitted preamplifier
(preamp) with a usable gain range of 6 dB to 26 dB established
by external resistors in the classical manner. The VGA gain
range is 0 dB to 60 dB, and its absolute gain limits are −26 dB to
+34 dB. When the preamplifier gain is adjusted for 12 dB, the
combined 3 dB bandwidth of the preamp and VGA is 100 MHz,
and the amplifier is fully usable to 80 MHz. With
±5 V supplies,
the maximum output swing is 2 V p-p.
Thanks to its X-Amp® architecture, excellent bandwidth
uniformity is maintained across the entire gain range of the
VGA. Intended for a broad spectrum of applications, the
differential gain control interface provides precise linear-in-dB
gain scaling of 50 dB/V over the temperature span of −55°C to
+125 °C. The differential gain control is easy to interface with a
variety of external circuits within the common-mode voltage
limits of the AD8336.
The large supply voltage range makes the AD8336 particularly
suited for industrial medical applications and for video circuits.
Dual-supply operation enables bipolar input signals, such as
those generated by photodiodes or photomultiplier tubes.
The fully independent voltage feedback preamp allows both
inverting and noninverting gain topologies, making it a fully
bipolar VGA. The AD8336 can be used within the specified
gain range of −14 dB to +60 dB by selecting a preamp gain
between 6 dB and 26 dB and choosing appropriate feedback
resistors. For the nominal preamp gain of 4×, the overall gain
range is −14 dB to +46 dB.
In critical applications, the quiescent power can be reduced by
about half by using the power adjust pin, PWRA. This is
especially useful when operating with high supply voltages of
up to
±12 V, or at high temperatures.
The operating temperature range is −55
°C to +125°C. The
AD8336 is available in a 16-lead LFCSP (4 mm × 4 mm).


Similar Part No. - AD8336ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8336ACPZ-R7 AD-AD8336ACPZ-R7 Datasheet
782Kb / 27P
General-Purpose Wide Bandwidth, DC-Coupled VGA
11/2017-Rev. E to Rev. F
More results

Similar Description - AD8336ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E05-11M1 ETC-E05-11M1 Datasheet
55Kb / 1P
5 WATT WIDE INPUT DC TO DC CONVERTERS
E05-X0 ETC1-E05-X0 Datasheet
55Kb / 1P
5 Watt Wide Input DC to DC Converters
logo
Texas Instruments
OPA615 TI-OPA615 Datasheet
642Kb / 26P
Wide-Bandwidth, DC Restoration Circuit
logo
Linear Technology
LTC1968 LINER-LTC1968 Datasheet
297Kb / 28P
Precision Wide Bandwidth, RMS-to-DC Converter
logo
Analog Devices
AD8337 AD-AD8337 Datasheet
773Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
6/06-Rev. 0 to Rev. A
AD8337 AD-AD8337_07 Datasheet
791Kb / 24P
General-Purpose, Low Cost, DC-Coupled VGA
2/07-Rev. A to Rev. B
AD8337 AD-AD8337_15 Datasheet
1Mb / 32P
General-Purpose, Low Cost, DC-Coupled VGA
REV. C
logo
Linear Technology
LTC1968 LINER-LTC1968_15 Datasheet
301Kb / 28P
Precision Wide Bandwidth, RMS-to-DC Converter
logo
Analog Devices
AD8336 AD-AD8336_17 Datasheet
782Kb / 27P
General-Purpose Wide Bandwidth, DC-Coupled VGA
11/2017-Rev. E to Rev. F
AD8337 AD-AD8337_16 Datasheet
954Kb / 28P
General-Purpose, Low Cost, DC-Coupled VGA
10/2016-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com