Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD8336
Rev. 0 | Page 27 of 28
VIN
VNEG
112
11
10
9
4
3
2
VOUT
PWRA
VCOM
VPOS
GPOS
VNEG
PRAO
INPP
AD8336
VPOS
VOUTL
R2
49.9Ω
R8
301Ω
R7
100Ω
R4
0Ω
R9
0Ω
PRVG
L2
120nH
R10
49.9Ω
GAIN+
R14
L1
120nH
R5
C4
10µF
25V
C2
10µF
25V
C5
0.1µF
C3
0.1µF
U1
16
13
14
15
58
7
6
INPN
NC
NC
VGAI
R12
0Ω
R11
0Ω
GNEG
GND1
GND4
GND3
GND2
(BLK LOOPS IN
4 CORNERS)
R13
R15
R17
0Ω
R6
R3
0Ω
C1
NC
NC
NC
GAIN–
GPOS
GNEG
+
+
VIN1
W1
VOUT
VOUTD
R16
4.99kΩ
CR1
5.1V
C8
0.1µF
VP
C7
1nF
C6
1nF
R1
0Ω
NC = NO CONNECT
Figure 89. AD8336-EVALZ Schematic Shown as Shipped, Configured for a Noninverting Gain of 4×
Table 6. AD8336 Evaluation Board Bill of Materials
Qty
Name
Description
Reference
Designator
Manufacturer
Mfg. Part Number
2
Capacitor
Tantalum 10 μF, 25 V
C2, C4
Nichicon
F931E106MCCC
3
Capacitor
0.1 μF, 16 V, 0603, X7R
C3, C5, C8
KEMET
C0603C104K4RSCTU
1
Capacitor
1 nF, 50 V, 0603, X7R
C7
Panasonic
ECJ-1VB2A102K
1
Diode
Zener, 5.1 V, 1 W
CR1
Diodes, Inc.
DFLZ5V1-7
2
Connector
SMA Fem, RA, PC Mt
VIN, VOUT
Amphenol
901-143-6RFX
4
Test Loop
Black
GND, GND1,
GND2, GND3
Components Corporation
TP-104-01-00
2
Test Loop
Violet
GNEG, GPOS
Components Corporation
TP-104-01-07
2
Inductor
Ferrite Bead
L1, L2
Murata
BLM18BA750SN1D
6
Resistor
0 Ω, 5%, 0603
R1, R3, R4, R9,
R11, R17
Panasonic
ERJ-2GE0R00X
1
Resistor
49.9 Ω 1% 1/16 W 0603
R2
Panasonic
ERJ-3EKF49R9V
1
Resistor
100 Ω 1% 1/16 W 0603
R7
Panasonic
ERJ-3EKF1000V
1
Resistor
301 Ω 1/16 W 1% 0603
R8
Panasonic
ERJ-3EKF3010V
1
Resistor
4.99 kΩ 1/16 W 1% 0603
R16
Panasonic
ERJ-3EKF4991V
1
Test Loop
Green
VNEG
Components Corporation
TP-104-01-05
1
Test Loop
Red
VPOS
Components Corporation
TP-104-01-02
1
Header
0.1” Center
W1
Molex
22-10-2031
1
Integrated Circuit
VGA
Z1
Analog Devices
AD8336ACPZ
4
Rubber Bumper
Foot
NA
3M
SJ67A11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com