Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8336
Rev. 0 | Page 20 of 28
SIGNAL
GENERATOR
100Ω
301Ω
49.9Ω
50Ω
OUT
453Ω
22dB
AD8336
4
5
11
8
1
12
PrA
+
9
IN
50Ω
SPECTRUM
ANALYZER
OPTIONAL 20dB
ATTENUATOR
VGAIN
Figure 74. IP1dB vs. VGAIN
SIGNAL
GENERATOR
100Ω
301Ω
49.9Ω
50Ω
OUT
453Ω
AD8336 DUT
4
11
8
1
12
PrA
+
9
5
IN
50Ω
SPECTRUM
ANALYZER
–20dB
AD8336 AMPLIFIER
4
5
11
8
1
12
PrA
+
9
100Ω
301Ω
0Ω
0.7V
VGAIN
Figure 75. IP1dB vs. VGAIN, High Signal Level Inputs
SPECTRUM ANALYZER
100Ω
49.9Ω
INPUT
453Ω
50Ω
SIGNAL
GENERATOR
SIGNAL
GENERATOR
+22dB
+22dB
–6dB
–6dB
COMBINER
–6dB
AD8336 DUT
4
11
8
1
12
PrA
+
9
5
301Ω
VGAIN
Figure 76. IMD and OIP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com