Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD8336
Rev. 0 | Page 10 of 28
–60
–40
0
20
–20
VGAIN (V)
0.2
00
0.6
0.4
–80
–0.8
–140
–120
–100
–160
–200
–180
–0.6
–0.2
–0.4
.8
VS =±12V
VS =±5V
VS =±3V
Figure 15. Output Offset Voltage vs. VGAIN for
Three Values of Supply Voltage (VS)
OUTPUT OFFSET (mV)
0
30
20
10
SAMPLE SIZE = 60 UNITS
VGAIN = 0.7V
VGAIN = 0V
–200
–240
–160
–120
–80
–40
0
40
80
–20
–24
–16
–12
–8
–4
0
4
8
0
30
20
10
OUTPUT OFFSET (mV)
Figure 16. Output Offset Histogram
INTERCEPT (dB)
0
30
20
10
60 UNITS
16.45
16.55
16.50
16.40
16.25
16.30
16.35
40
50
Figure 17. Intercept Histogram
–10
0
10
20
40
30
50
100k
–20
FREQUENCY (Hz)
200M
1M
100M
10M
VGAIN = +0.7V
+0.5V
+0.2V
0V
–0.2V
–0.5V
–30
–0.7V
Figure 18. Frequency Response for Various Values of VGAIN
–10
0
10
20
40
30
50
100k
–20
FREQUENCY (Hz)
200M
1M
100M
10M
VGAIN = +0.7V
+0.5V
+0.2V
0V
–0.2V
–0.5V
–30
–0.7V
LOW POWER MODE
Figure 19. Frequency Response for Various Values of VGAIN, Low Power Mode
–10
0
10
20
40
30
50
100k
70
FREQUENCY (Hz)
1M
200M
100M
10M
VGAIN = +0.7V
+0.5V
+0.2V
0V
60
PREAMP GAIN = 20×
–0.2V
–0.7V
–0.5V
Figure 20. Frequency Response for Various Values of VGAIN
when the Preamp Gain is 20×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com