Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD8336
Rev. 0 | Page 24 of 28
Circuit Configuration for Inverting Gain
The preamplifier can also be used in an inverting configuration,
as shown in Figure 81.
PRAO
34dB
AD8336
PREAMPLIFIER
INPP
4
5
+
8
9
GAIN = 9.6dB INPN
CIRCUIT CONFIGURATION FOR INVERTING GAIN
RFB1
100Ω
RFB2
301Ω
13
VPOS
VNEG
10
VOUT
1
+5V
–5V
PWRA
2
3
VCOM
–60dB TO 0dB
Figure 81. Circuit Configuration for Inverting Gain
The same considerations regarding total resistance vs. distortion,
noise, and power as noted in the noninverting case apply, except
that the amplifier can be operated at unity inverting gain. The
signal gain is reduced while the noise gain is the same as for the
noninverting configuration:
1
2
FB
FB
R
R
Gain
Signal
=
and
1
1
2
+
=
FB
FB
R
R
Gain
Noise
USING THE POWER ADJUST FEATURE
The AD8336 has the provision to operate at lower power with
a trade-off in bandwidth. The power reduction applies to the
preamp and the VGA sections, and the bandwidth is reduced
equally between them. Reducing the power is particularly useful
when operating with higher supply voltages and lower values of
output loading that would otherwise stress the output amplifiers.
When Pin PWRA is grounded, the amplifiers operate in their
default mode, and the combined 3 dB bandwidth is 80 MHz
with the preamp gain adjusted to 4×. When the voltage on
Pin PWRA is between 1.2 V and 5 V, the power is reduced by
approximately half and the 3 dB bandwidth reduces to
approximately 35 MHz. The voltage at pin PWRA must not
exceed 5 V.
DRIVING CAPACITIVE LOADS
The output stages of the AD8336 are stable with capacitive loads
up to 47 pF for a supply voltage of ±3 V, and capacitive loads up
to 10 pF for supply voltages up to ±8 V. For larger combined
values of load capacitance and/or supply voltage, a 20 Ω series
resistor is recommended for stability.
The influence of capacitance and supply voltage are shown in,
Figure 50 and Figure 51, where representative combinations of
load capacitance and supply voltage requiring a 20 Ω resistor
are marked with an asterisk. No resistor is required for the ±3 V
plots in Figure 49, while a resistor is required for most of the
±12 V plots in Figure 51.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com