Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD8336
Rev. 0 | Page 14 of 28
–30
–50
–60
–80
–70
–40
–20
VOUT = 0.5V p-p
VOUT = 1V p-p
VOUT = 2V p-p
VOUT = 4V p-p
OUTPUT SWING OF PREAMP LIMITS
MINIMUM USABLE VGAIN LEVELS
HD3
f = 5MHz
400
VGAIN (mV)
–600
800
–400
600
–200
200
0
Figure 39. 3rd Harmonic Distortion vs. VGAIN
for Four Values of Output Voltage (VOUT)
–60
–50
–20
–30
1M
–70
FREQUENCY (Hz)
10M
–40
50M
HD2
HD3
VOUT = 2V p-p
VGAIN = 0V
Figure 40. Harmonic Distortion vs. Frequency
–80
–60
–50
–20
–30
1M
–70
FREQUENCY (Hz)
10M
–40
100M
0
–90
–10
VOUT = 1V p-p
VGAIN = 0V
TONES SEPARATED BY 100kHz
Figure 41. IMD3 vs. Frequency
25
200
30
–800
VGAIN (mV)
–600
800
–400
600
–200
400
0
20
0
10
40
5
15
35
1MHz 500mV
1MHz 1V
10MHz 500mV
10MHz 1V
VOUT = 1V p-p
VGAIN = 0V
COMPOSITE INPUTS SEPARATED BY 100kHz
Figure 42. Output Referred IP3 (OIP3) vs. VGAIN
at Two Frequencies and Two Input Levels
200
–800
VGAIN (mV)
–600
800
–400
600
–200
400
0
0
–30
–10
10
30
20
–20
VS = ±5V
VS = ±3V
VS = ±12V
INPUT LEVEL LIMITED
BY GAIN OF PREAMP
Figure 43. Input P1dB (IP1dB) vs. VGAIN at Three Power Supply Values (VS)
300
–100
TIME (ns)
100
200
0
–1
2
0
1
3
–2
–3
VIN (V)
VOUT (V)
Figure 44. Large Signal Pulse Response of the Preamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com