Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 26Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 27Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD8336
Rev. 0 | Page 25 of 28
EVALUATION BOARD
An evaluation board, AD8336-EVALZ, is available online for
the AD8336. Figure 82 is a photo of the board.
The board is shipped from the factory, configured for a preamp
gain of 4×. To change the value of the gain of the preamp or the
gain polarity to inverting is a matter of changing component
values, or installing components in alternate locations provided.
All components are standard 0603 size, and the board is designed
for RoHS compliancy. Figure 83 shows the locations of
components provided for changing the amplifier configuration
to inverting gain. Simply install the components shown in red
and remove those in gray.
OPTIONAL CIRCUITRY
The AD8336 features differential inputs for the gain control,
permitting nonzero or floating gain control inputs. In order to
avoid any delay in making the board operational, the gain input
circuit is shipped with Pin GNEG connected to ground via a
0 Ω resistor in location R17. The user can simply adjust the gain
of the device by driving the GPOS test loop with a power supply
or voltage reference. Resistor networks are provided for fixed
gain bias voltages at Pin GNEG and Pin GPOS for common-
mode voltages other than 0 V. If it is desired to drive the gain
control with an active input such as a ramp, SMA connectors
can be installed in the locations GAIN− and GAIN+. Provision
is made for an optional SMA connector at PRVG for monitoring
the preamp output or driving the VGA from an external source.
Remove the 0 Ω resistor at R9 to isolate the preamp from an
external generator.
BOARD LAYOUT CONSIDERATIONS
The evaluation board uses four layers, with power and ground
planes located between two conductor layers. This arrangement
is highly recommended for customers and several views of the
board are provided as reference for board layout details. When
laying out a printed circuit board for the AD8336, remember to
provide a pad beneath the device to solder the exposed pad of
the matching device. The pad in the board should have at least
five vias in order to provide a thermal path for the chip scale
package. Unlike leaded devices, the thermal pad is the primary
means to remove heat dissipated within the device.
Table 6 is a bill of materials for the evaluation board.
Figure 82. AD8336 Evaluation Board
Figure 83. Components for Inverting Gain Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com