Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8336
Rev. 0 | Page 11 of 28
–10
0
10
20
40
30
50
100k
–20
FREQUENCY (Hz)
1M
200M
100M
10M
–30
PREAMP GAIN = –3×
VGAIN = +0.7V
+0.5V
+0.2V
0V
–0.2V
–0.7V
–0.5V
Figure 21. Frequency Response for Various Values of VGAIN
for Preamp Gain of −3×
–10
0
10
20
15
5
25
100k
FREQUENCY (Hz)
1M
200M
100M
10M
–5
VGAIN = 0V
CLOAD =47pF
CLOAD =22pF
CLOAD =10pF
CLOAD = 0pF
Figure 22. Frequency Response for Various Values of Load Capacitance (CLOAD)
–10
0
10
20
15
5
25
100k
FREQUENCY (Hz)
1M
500M
100M
10M
–5
30
VS = ±12V
VS = ±5V
VS = ±3V
GAIN = 20×
GAIN = 4×
Figure 23. Preamp Frequency Response for Three Values of Supply Voltage (VS)
and for Preamp Gains of 4× and 20×
–10
0
10
20
15
5
25
100k
FREQUENCY (Hz)
1M
500M
100M
10M
–5
30
GAIN = 4×
GAIN = 20×
VS = ±12V
VS = ±5V
VS = ±3V
Figure 24. Preamp Frequency Response for Three Values of Supply Voltage (VS)
and Inverting Gain Values of −3× and −19×
0
10
20
15
5
FREQUENCY (Hz)
1M
100M
10M
PREAMP GAIN = 20×
PREAMP GAIN = 4×
Figure 25. Group Delay vs. Frequency for Preamp Gains of 4× and 20×
0.1
1
100
1k
10
FREQUENCY (Hz)
0.01
1M
500M
100M
10M
100k
Figure 26. Output Resistance vs. Frequency of the Preamplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com