Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD8336
Rev. 0 | Page 19 of 28
100Ω
301Ω
DMM
(+I)
DMM
(–I)
AD8336
4
5
11
8
1
12
PrA
+
10
13
9
Figure 68. Supply Current
NETWORK ANALYZER
100Ω
301Ω
100Ω
50Ω
IN
OUT
453Ω
50Ω
VGAIN
AD8336
4
11
8
1
12
PrA
+
9
5
49.9Ω
Figure 69. Frequency Response, Inverting Gain
OSCILLOSCOPE
100Ω
301Ω
CH2
50Ω
OUT
50Ω
CH1
PULSE
GENERATOR
100Ω
453Ω
0.7V
POWER
SPLITTER
AD8336
4
5
11
8
1
12
PrA
+
9
49.9Ω
Figure 70. Pulse Response, Inverting Gain
VGAIN
NETWORK ANALYZER
100Ω
301Ω
49.9Ω
50Ω
IN
OUT
BYPASS
CAPACITORS
REMOVED FOR
MEASUREMENT
50Ω
DIFFERENTIAL
FET PROBE
BENCH
POWER SUPPLY
VPOS OR VNEG
POWER SUPPLIES
CONNECTED TO
NETWORK ANALYZER
BIAS PORT
AD8336
4
5
11
8
1
12
PrA
+
9
Figure 71. Power Supply Rejection Ratio
SPECTRUM ANALYZER
100Ω
301Ω
0.7V
IN
50Ω
AD8336
4
5
11
8
1
12
PrA
+
9
Figure 72. Input Referred Noise vs. Source Resistance
SPECTRUM ANALYZER
100Ω
301Ω
0.7V
IN
50Ω
AD8336
4
5
11
8
1
12
PrA
+
9
Figure 73. Short-Circuit Input Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com