Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 20Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 21Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 22Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 23Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 24Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 25Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8336
Rev. 0 | Page 22 of 28
SETTING THE GAIN
NOISE
The noise of the AD8336 is dependent on the value of the VGA
gain. At maximum VGAIN, the dominant noise source is the
preamp but shifts to the VGA as VGAIN diminishes.
The overall gain of the AD8336 is the sum (in dB) or the
product (magnitude) of the preamp gain and the VGA gain.
The preamp gain is calculated as with any op amp, as seen in
the Applications section. It is most convenient to think of the
device gain in exponential terms (that is, in dB) since the VGA
responds linearly-in-dB with changes in control voltage VGAIN at
the gain pins.
The input referred noise at the highest VGA gain and a preamp
gain of 4×, with RFB1 =100 Ω and RFB2 = 301 Ω, is 3 nV/
√Hz, and
determined by the preamp and its gain setting resistors. See
Table 4 for the noise components for the preamp.
The gain equation for the VGA is
Table 4. AD8336 Noise Components for Preamp Gain = 4×
dB
4
.
4
V
dB
50
(V)
(dB)
+
⎥
⎦
⎤
⎢
⎣
⎡
×
=
AIN
G
V
Gain
VGA
Noise Component
Noise Voltage (nV/√Hz)
Op Amp (Gain = 4×)
2.6
RFB1 = 100 Ω
0.96
RFB2 = 301 Ω
0.55
VGA
0.77
where VG = VGPOS − VGNEG
The gain and gain range of the VGA are both fixed at 34 dB and
60 dB, respectively; thus, the composite device gain is changed
by adjusting the preamp gain. For a preamp gain of 12 dB (4×),
the composite gain is −14 dB to +46 dB. Thus, the calculation
for the composite gain (in dB) is
Using the listed values, the total noise of the AD8336 is slightly
less than 3 nV/
√Hz, referred to the input. Although the output
noise VGA is 3.1 nV/
√Hz, the input referred noise is 0.77 nV/√Hz
when divided by the preamplifier gain of 4×
dB
4
.
4
/V]
B
d
9
.
49
(V)
[
+
×
+
=
G
PRA
V
G
Gain
Composite
At other than maximum gain, the noise of the VGA is determined
from the output noise. The noise in the center of the gain range
is about 150 nV/
√Hz. Since the gain of the fixed gain amplifier
that is part of the VGA is 50×, the VGA input referred noise is
approximately 3 nV/
√Hz, the same value as the preamp and
VGA combined. This is expected since the input referred noise
is the same at the input of the attenuator at maximum gain.
However, the noise referred to the VGAI pin (the preamp
output) increases by the amount of attenuation through the
ladder network. The noise at any point along the ladder
network is primarily comprised of the ladder resistance noise,
the noise of the input devices, and the feedback resistor network
noise. The ladder network and the input devices are the largest
noise sources.
For example, the midpoint gain when the preamp gain is 12 dB is
dB
4
.
16
dB
4
.
4
/V]
B
d
9
.
49
V
0
[
dB
12
=
+
×
+
Figure 3 is a plot of gain in dB vs. VGAIN in mV, when the
preamp gain is 12 dB (4×). Note that the computed result
closely matches the plot of actual gain.
In Figure 3, the gain slope flattens at the limits of the VG input.
The gain response is linear-in-dB over the center 80% of the
control range of the device. Figure 78 shows the ideal gain
characteristics for the VGA stage and composite VGA + preamp.
40
50
VG (V)
30
10
0
20
–10
60
70
FOR PREAMP GAIN = 26dB
–30
–20
FOR PREAMP GAIN = 6dB
GAIN CHARACTERISTICS
COMPOSITE GAIN
VGA STAGE GAIN
USABLE GAIN RANGE OF
AD
8336
FOR PREAMP GAIN = 12dB
0.5
0.7
0.3
0.1
–0.1
–0.3
–0.5
–0.7
At minimum gain, the output noise increases slightly to about
180 nV/
√Hz because of the finite structure of the X-AMP.
OFFSET VOLTAGE
Extensive cancellation circuitry included in the variable gain
amplifier section minimizes locally generated offset voltages.
However when operated at very large values of gain, dc voltage
errors at the output can still result from small dc input voltages.
When configured for the nominal gain range of −14 dB to 46 dB,
the maximum gain is 200× and an offset of only 100 μV at the
input generates 20 mV at the output.
The primary source for dc offset errors is the preamplifier;
ac coupling between the PRAO and VGAI pins is the simplest
solution. In applications where dc coupling is essential, a
compensating current can be injected at the INPN input (Pin 5)
to cancel preamp offset. The direction of the compensating
current depends on the polarity of the offset voltage.
Figure 78. Ideal Gain Characteristics of the AD8336



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com