Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8336ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # AD8336ACPZ-R7
Description  General-Purpose, ??5 to 125, Wide Bandwidth, DC-Coupled VGA
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8336ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD8336ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 19Page - Analog Devices AD8336ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
AD8336
Rev. 0 | Page 16 of 28
VGAIN = 0.7V
VS = ±12V
0
–100
TIME (ns)
–50
150
100
250
50
300
200
350
–3
–1
1
2
–2
0
3
–30
–10
10
20
–20
0
30
*WITH 20Ω RESISTOR IN SERIES WITH OUTPUT
INPUT
CL = 0pF
CL = 10pF*
CL = 22pF*
CL = 47pF*
Figure 51. Large Signal Pulse Response for Various Values of Load
Capacitance Using ±12V Power Supplies
2.5
2.0
1.5
TIME (µs)
01.5
1.0
0.5
–2.5
VGAIN
VOUT
–0.5
–0.5
0.5
–1.5
Figure 52. Gain Response
–6
–9
TIME (µs)
–3
3
06
–1
2
0
5
4
1
3
–2
–5
–4
–3
–0.1
0.2
0.5
0.4
0.1
0.3
–0.2
–0.5
–0.4
–0.3
VIN (V)
VOUT (V)
VGAIN = 0.7V
0
Figure 53. VGA Overdrive Recovery
–60
–50
–30
–20
100k
–40
FREQUENCY (Hz)
1M
5M
–10
0
10
VPOS
PSRR
VNEG
VGAIN = 0.7V
VGAIN = 0V
VGAIN = –0.7V
Figure 54 PSRR vs. Frequency for Three Values of VGAIN
0
–25
40
30
–65
10
TEMPERATURE (°C)
–45
15
–5
25
45
20
55
75
95
125
LOW POWER
HIGH POWER
VS = ±12V
VS = ±5V
VS = ±3V
Figure 55. IQ vs. Temperature for Three Values of Supply Voltage
and High and Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com