Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 31Page - Analog Devices AD9927BBCZ Datasheet HTML 32Page - Analog Devices AD9927BBCZ Datasheet HTML 33Page - Analog Devices AD9927BBCZ Datasheet HTML 34Page - Analog Devices AD9927BBCZ Datasheet HTML 35Page - Analog Devices AD9927BBCZ Datasheet HTML 36Page - Analog Devices AD9927BBCZ Datasheet HTML 37Page - Analog Devices AD9927BBCZ Datasheet HTML 38Page - Analog Devices AD9927BBCZ Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 100 page
background image
AD9927
Rev. 0 | Page 35 of 100
maximum of up to 16 toggle positions. Example timing for the
CONCAT_GRP = 1 feature is shown in Figure 38.
If only two groups are needed (up to eight toggle positions) for
the specified timing, the VPATSELB, VPATSELC, and
VPATSELD registers can be programmed to the same value. If
only three groups are needed, VPATSELC and VPATSELD can
be programmed to the same value. Following this approach
conserves register memory if the four separate V-patterns are
not needed.
Note that when CONCAT_GRP is enabled, the Group A
settings are used only for start position, polarity, length, and
repetitions. All toggle positions for Group A, Group B,
Group C, and Group D are combined together and applied
using the settings in the VSTARTA, VPOL_A, VLENA, and
VREPA registers.
Special Vertical Sequence Alternation (SVSA) Mode
The AD9927 has additional flexibility for combining four
different V-pattern groups in a random sequence that can be
programmed for specific CCD requirements. This mode of
operation allows custom vertical sequences for CCDs that
require more complex vertical timing patterns. For example,
using the special vertical sequence alternation mode, it is
possible to support random pattern concatenation, with
additional support for odd/even line alternation.
Figure 40 illustrates four common and repetitive vertical
pattern segments, A through D, that are derived from the
complete vertical pattern. Figure 41 illustrates how each group
can be concatenated together in an arbitrary order.
To enable the SVSA mode, write the VSEQALT_EN bit,
Address 0x20 Bit [13], equal to 0x01. The location of the
VALTSEL registers is shared with the VPAT registers
for XV24. When SVSA mode is enabled, the VALTSEL register
function is selected.
To create SVSA timing, divide the complete vertical timing
pattern into four common and repetitive segments. Identify the
related segments as VPATA, VPATB, VPATC, or VPATD. Up to
four toggle positions for each segment can be programmed
using the V-pattern registers.
Table 15 shows how the segments are specified using a 2-bit
representation. Each bit from VALTSEL0 and VALTSEL1 are
combined to produce four values, corresponding to patterns A,
B, C, and D.
Table 15. VALTSEL Bit Settings for Even and Odd Lines
Parameter
VALTSEL BIT SETTINGS
VALTSEL0_EVEN
0
0
1
1
VALTSEL1_EVEN
0
1
0
1
VALTSEL0_ODD
0
0
1
1
VALTSEL1_ODD
0
1
0
1
Resulting pattern for even lines
A
B
C
D
Resulting pattern for odd lines
A
B
C
D
When the entire pattern is divided, program VALTSEL0 (even
and odd) [17:0] and VALTSEL1 (even and odd) [17:0] so that
the segments will be concatenated in the desired order. If
separate odd and even lines are not required, set the odd and
even registers to the same value.
Figure 42 illustrates the process of using six vertical pattern
segments that have been concatenated into a small, merged
pattern.
Program the register VREPA_1 to specify the number of
segments that will be concatenated into each merged pattern.
The maximum number of segments that can be concatenated to
create a merged pattern is 18. Program VLENA, VLENB, VLENC,
VLEND to be of equal length. Finally, program HBLK to generate
the proper H-clock timing using the procedure for HBLK Mode 2
described in the HBLK Mode 2 Operation section.
It is important to note that because the FREEZE/RESUME
registers are used to specify the VALTSEL registers, the
VALT_MAP register must be enabled when using the special
VALT mode.
Table 16. VALTSEL Register Locations1
Register Function
When VSEQALT_EN = 1
Register Location
VALTSEL0_EVEN [12:0]
VSEQ register FREEZE1 [12:0]
VALTSEL0_EVEN [17:13]
VSEQ register RESUME1 [17:13]
VALTSEL1_EVEN [12:0]
VSEQ register FREEZE2 [12:0]
VALTSEL1_EVEN [17:13]
VSEQ register RESUME2 [17:13]
VALTSEL0_ODD [12:0]
VSEQ register FREEZE3 [12:0]
VALTSEL0_ ODD [17:13]
VSEQ register RESUME3 [17:13]
VALTSEL1_ ODD [12:0]
VSEQ register FREEZE4 [12:0]
VALTSEL1_ ODD [17:13]
VSEQ register RESUME4 [17:13]
1 The VALT_MAP register must be set to 1 to enable the use of VALTSEL
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com