Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 36Page - Analog Devices AD9927BBCZ Datasheet HTML 37Page - Analog Devices AD9927BBCZ Datasheet HTML 38Page - Analog Devices AD9927BBCZ Datasheet HTML 39Page - Analog Devices AD9927BBCZ Datasheet HTML 40Page - Analog Devices AD9927BBCZ Datasheet HTML 41Page - Analog Devices AD9927BBCZ Datasheet HTML 42Page - Analog Devices AD9927BBCZ Datasheet HTML 43Page - Analog Devices AD9927BBCZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 100 page
background image
AD9927
Rev. 0 | Page 40 of 100
Special Pattern Insertion
Additional flexibility is available using the SPC_PAT_EN registers,
which allows a Group B, C, or D pattern to be inserted into a series
of Group A repetitions. This feature is useful when a different
pattern is needed at the start, middle, or end of a sequence.
Figure 47 shows an example of a sweep region using VPATA
with multiple repetitions where a single repetition of VPATB has
been added into the middle of the sequence. Figure 48 shows
more detail on how to set the registers to achieve the desired
timing.
Note that VREPB is used to specify which repetition number
has the special pattern inserted instead of VPATA. VPATB
always has priority over VPATC or VPATD if more than one
SPC_PAT_EN bit is enabled (SPC_PAT_EN [0] has priority).
VD
XV1 TO XVN
HD
REGION 1: SWEEP REGION
LINE 0
LINE 1
REGION 0
REGION 2
LINE 24
LINE 25
LINE 2
SCP1
SCP2
PATTERN B INSERTED DURING PATTERN A REPETITIONS
Figure 47. Example of Special Pattern Insertion
XV1
HD
V-PATTERN A
V-PATTERN B
V-PATTERN A
REP 1
REP 2
REP N
REP 5
REP 4
REP 3
REGISTER SETTINGS:
DESCRIPTION:
SPC_PAT_EN[0] = 1
V-PATTERN B IS USED AS SPECIAL PATTERN
VREPA = N
TOTAL NUMBER OF REPS USED FOR SEQUENCE (N REPS)
VREPB = 4
REP 4 USES V-PATTERN B INSTEAD OF V-PATTERN A
NOTES
1. VSTARTB MUST BE SET EQUAL TO VSTARTA.
Figure 48. Example of Special Pattern Insertion, Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com