Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 74Page - Analog Devices AD9927BBCZ Datasheet HTML 75Page - Analog Devices AD9927BBCZ Datasheet HTML 76Page - Analog Devices AD9927BBCZ Datasheet HTML 77Page - Analog Devices AD9927BBCZ Datasheet HTML 78Page - Analog Devices AD9927BBCZ Datasheet HTML 79Page - Analog Devices AD9927BBCZ Datasheet HTML 80Page - Analog Devices AD9927BBCZ Datasheet HTML 81Page - Analog Devices AD9927BBCZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 100 page
background image
AD9927
Rev. 0 | Page 78 of 100
CIRCUIT LAYOUT INFORMATION
The PCB layout is critical in achieving good image quality from
the AD9927. All of the supply pins, particularly the AVDD,
TCVDD, RGVDD, and HVDD supplies, must be decoupled to
ground with good quality high frequency chip capacitors. The
decoupling capacitors should be located as close as possible to
the supply pins and should have a very low impedance path to a
continuous ground plane. If possible, there should be a 4.7 μF
or larger value bypass capacitor for each main supply—AVDD,
HVDD, and DRVDD—although this is not necessary for each
individual pin. In most applications, the supply for RGVDD
and HVDD is shared, which can be done as long as the
individual supply pins are separately bypassed with 0.1 μF
capacitors. A separate 3 V supply can also be used for DRVDD,
but this supply pin should still be decoupled to the same ground
plane as the rest of the chip. A separate ground for DRVSS is not
recommended.
The analog bypass pins (REFT and REFB) should be carefully
decoupled to ground as close as possible to their respective pins.
The analog input (CCDIN) capacitor should be located close to
the pin.
The H1 to H8, HL, and RG traces should be designed to have
low inductance to minimize distortion of the signals. The
complementary signals, H1/H3/H5/H7 and H2/H4/H6/H8,
should be routed as close together and as symmetrically as
possible to minimize mutual inductance. Heavier PCB traces
are recommended because of the large transient current
demand on H1 to H8 by the CCD. If possible, physically
locating the AD9927 closer to the CCD reduces the inductance
on these lines. As always, the routing path should be as direct as
possible from the AD9927 to the CCD.
Note that it is recommended that all H1 to H8 outputs on the
AD9927 be used together for maximum flexibility in drive
strength settings. A typical CCD with H1 and H2 inputs only
should have the AD9927’s H1, H3, H5, and H7 outputs connected
together to drive the CCD’s H1, and H2, H4, H6, and H8 outputs
connected together to drive the CCD’s H2. Similarly, a CCD
with H1, H2, H3, and H4 inputs should have the following:
• H1 and H3 connected to the CCD’s H1.
• H2 and H4 connected to the CCD’s H2.
• H5 and H7 connected to the CCD’s H3.
• H6 and H8 connected to the CCD’s H4.
Typical 3 V System
The AD9927 typical circuit connections for a 3 V system are
shown in Figure 94. This application uses an external 3.3 V
supply, which is connected to the AD9927’s LDO input. The
LDO is configured to output 1.8 V for the AD9927’s core supply
by connecting the LDO1P8EN pin to 3.3 V and the LDO3P2EN
pin to ground. The LDOOUT and SENSE pins are shorted
together and used to supply 1.8 V to the AVDD, TCVDD, and
DVDD pins.
Typical 1.8 V System
The internal LDO can be disabled by tying the LDO pins to
ground (LDOIN, LDO1P8EN, LDO3P2EN, LDOOUT, and
SENSE). In this case, an external 1.8 V regulator is required to
supply 1.8 V to the AVDD, TCVDD, and DVDD pins.
All of the AD9927’s remaining supplies can be directly supplied
with 1.8 V. The internal charge pump (CP) can be used to
generate 3.3 V for the H and RG supplies.
The AD9927 typical circuit connections for a 1.8 V system are
shown in Figure 95.
External Crystal Application
The AD9927 contains an on-chip oscillator for driving an
external crystal. Figure 96 shows an example application using a
typical 27 MHz crystal. For the exact values of the external
resistors and capacitors, it is best to consult the crystal
manufacturer’s data sheet.
Note that a 2× crystal is not recommended for use with the
CLO oscillator circuit. The crystal frequency should not exceed
40 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com