Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 55Page - Analog Devices AD9927BBCZ Datasheet HTML 56Page - Analog Devices AD9927BBCZ Datasheet HTML 57Page - Analog Devices AD9927BBCZ Datasheet HTML 58Page - Analog Devices AD9927BBCZ Datasheet HTML 59Page - Analog Devices AD9927BBCZ Datasheet HTML 60Page - Analog Devices AD9927BBCZ Datasheet HTML 61Page - Analog Devices AD9927BBCZ Datasheet HTML 62Page - Analog Devices AD9927BBCZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 100 page
background image
AD9927
Rev. 0 | Page 59 of 100
GENERAL-PURPOSE OUTPUTS (GPOS)
The AD9927 provides programmable outputs to control a
mechanical shutter, strobe/flash, the CCD bias select signal, or
any other external component with general-purpose (GP)
signals. Eight GP signals, with up to four toggles each, are
available that can be programmed and assigned to special GPO
pins. These pins are bidirectional and allow visibility (as an
output) and external control (as an input) of HBLK, PBLK,
CLPOB, and OUTCONTROL. The registers introduced in this
section are described in Table 42.
GP Toggles
When configured as an output, each GPO1 to GPO8 output can
deliver a signal that is the result of programmable toggle
positions. The GP signals are independent and can be linked to
either a specific VD period or over a range of VD periods via
the primary or secondary field counters through the GP
protocol register (Address 0x73). As a result of their
associations with the field counters, the GP toggles inherit the
characteristics of the field counters, such as RapidShot and
ShotDelay. To use the GP toggles
1.
Program the toggle positions (Address 0x7A to
Address 0xA9).
2.
Program the protocol (Address 0x73).
3.
Program the counter parameters (Address 0x71 to
Address 0x72).
4.
Activate the counter (Address 0x70).
For Protocol 1 (no counter association), skip Steps 3 and 4.
With these four steps, the GP signals can be programmed to
accomplish many common tasks. Careful protocol selection and
application of the field counters yields efficient results to allow
the GP signals smooth integration with concurrent operations.
Note that the SUBCK and VSG masks are linked to the primary
counter; however, if their parameters are 0, the GPO can use the
primary counter without expose/read activity.
The secondary counter is independent and can be used
simultaneously with the primary counter. Some applications
may require the use of both primary and secondary field
counters with different GPO protocols, start times, and
durations. Such operations are easily handled by the AD9927.
Several simple examples of GPO applications using only one
GPO and one field counter follow. These examples can be used
as building blocks for more complex GPO activity. In addition,
specific GPO signals can be passed through a 4-input LUT to
realize combinational logic between them. For example, GP1
and GP2 can be sent through an XOR look-up table, and the
result can be delivered on GP1, GP2, or both. Also, either GP1
or GP2 can deliver their original toggles.
Table 42. GPO Registers
Register
Length
Range
Description
GP1_PROTOCOL
3b
0 to 7
0: idle.
GP2_PROTOCOL
3b
0 to 7
1: no counter association, use MANUAL_TRIG bits to enable each GP signal.
GP3_PROTOCOL
3b
0 to 7
2: link to primary counter.
GP4_PROTOCOL
3b
0 to 7
3: link to secondary counter.
GP5_PROTOCOL
3b
0 to 7
4: link to mode counter (from vertical timing generation).
GP6_PROTOCOL
3b
0 to 7
5: primary repeat (allows GP signals to repeat with RapidShot).
GP7_PROTOCOL
3b
0 to 7
6: secondary repeat (allows GP signals to repeat with RapidShot).
GP8_PROTOCOL
8b
0 to 7
7: keep on.
MANUAL_TRIG
8b
Off/on
Manual trigger for each GP signal, for use with Protocol 1.
GP<1:8>_POL
8b
Low/high
Starting polarity for GP signals, only updated during PROTOCOL = 0.
SEL_GP<1:8>
8b
Off/on
1: select GP toggles visible at GPO1 to GPO8 when output is enabled (default);
0: select vertical signals visible at GPO4 to GPO8 when output is enabled.
GPO4: SUBCK.
GPO5: XV21.
GPO6: XV22.
GPO7: XV23.
GPO8: XV24.
GPO_OUTPUT_EN
8b
Off/on
1: enable GPO1 to GPO8 outputs (one bit per output);
0: disable GPO1 to GPO8 outputs, pins will be high-Z state (default).
GP*_USE_LUT
8b
Off/on
Send GP signals through a programmable look-up table (LUT).
LUT_FOR_GP12
4b
Logic setting
Desired logic to be realized on GP1 combined with GP2.
LUT_FOR_GP34
4b
Logic setting
Desired logic to be realized on GP3 combined with GP4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com