Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 52Page - Analog Devices AD9927BBCZ Datasheet HTML 53Page - Analog Devices AD9927BBCZ Datasheet HTML 54Page - Analog Devices AD9927BBCZ Datasheet HTML 55Page - Analog Devices AD9927BBCZ Datasheet HTML 56Page - Analog Devices AD9927BBCZ Datasheet HTML 57Page - Analog Devices AD9927BBCZ Datasheet HTML 58Page - Analog Devices AD9927BBCZ Datasheet HTML 59Page - Analog Devices AD9927BBCZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 100 page
background image
AD9927
Rev. 0 | Page 56 of 100
Read After Exposure
To read the CCD data after exposure, the SG should resume
normal activity while the SUBCK remains null. By default, the
AD9927 generates the VSG pulses in every field. When only a
single exposure and a single frame read is desired, such as is the
case in the preview mode, the VSG and SUBCK pulses can
operate in every field.
Other applications require that a greater number of frames are
read, in which case SUBCK must be masked until the readout is
finished. The SUBCKMASK_NUM register specifies the total
number of fields (exposure and read) to mask SUBCK. A 2-field
CCD frame read mode typically requires two additional fields of
SUBCK masking (SUBCKMASK_NUM = 2). A 3-field, 6-phase
CCD requires three additional fields of SUBCK masking after
the read begins (SUBCKMASK_NUM = 3).
Note that the SUBCKMASK_SKIP1 register setting allows
SUBCK pulses at the beginning of the field of exposure.
Table 40. SUBCK and Exposure/Read Register Parameters
Register
Length
Range
Description
SGMASK_NUM
13b
0 to 8191 no. of fields
Exposure duration (number of fields to suppress VSG) for LS operation.
SUBCKMASK_NUM
13b
0 to 8191 no. of fields
Exposure plus readout duration (number of fields to suppress SUBCK) for LS.
SUBCKMASK_SKIP1
1b
On/off
Suppress SG/SUBCK masks for one field (default = 0). Typically set to 1.
SUBCKSTARTLINE1
13b
0, 2 to 8191 line location
Line location to start the SUBCK pulses, relative to SGLINE location.
A value of 1 is invalid. See the SUBCK Start Line section.
SUBCKNUM1
13b
1 to 8191 no. of pulses
Total number of SUBCKs per field, at 1 pulse per line. Must be <VDLEN.
SG_SUPPRESS1
1b
On/off
Suppress the SG and allow SUBCK to finish at SUBCKNUM.
SUBCK_TOG1
13b
0 to 8191 pixel locations
SUBCK Toggle Position 1.
SUBCK_TOG2
13b
0 to 8191 pixel locations
SUBCK Toggle Position 2.
SUBCK_POL
1b
Low/high
SUBCK start polarity.
SUBCKHP_TOG1
13b
0 to 8191 pixel locations
Hi-precision SUBCK Toggle Position 1. Selectable as SG or VD updated.
SUBCKHP_TOG2
13b
0 to 8191 pixel locations
Hi-precision SUBCK Toggle Position 2. Selectable as SG or VD updated.
1 Register is not VD updated but is updated at the start of the line after the sensor gate line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com