Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 98 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 98 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 92Page - Analog Devices AD9927BBCZ Datasheet HTML 93Page - Analog Devices AD9927BBCZ Datasheet HTML 94Page - Analog Devices AD9927BBCZ Datasheet HTML 95Page - Analog Devices AD9927BBCZ Datasheet HTML 96Page - Analog Devices AD9927BBCZ Datasheet HTML 97Page - Analog Devices AD9927BBCZ Datasheet HTML 98Page - Analog Devices AD9927BBCZ Datasheet HTML 99Page - Analog Devices AD9927BBCZ Datasheet HTML 100Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
AD9927
Rev. 0 | Page 98 of 100
Table 61. Field Registers
Address
Data
Bits
Default
Value
Update
Type
Name
Description
00
[4:0]
X
VD
SEQ0
Selected V-sequence for first region in the field.
[9:5]
X
SEQ1
Selected V-sequence for second region in the field.
[14:10]
X
SEQ2
Selected V-sequence for third region in the field.
[19:15]
X
SEQ3
Selected V-sequence for fourth region in the field.
[24:20]
X
SEQ4
Selected V-sequence for fifth region in the field.
01
[4:0]
X
VD
SEQ5
Selected V-sequence for sixth region in the field.
[9:5]
X
SEQ6
Selected V-sequence for seventh region in the field.
[14:10]
X
SEQ7
Selected V-sequence for eighth region in the field.
[19:15]
X
SEQ8
Selected V-sequence for ninth region in the field.
[21:20]
MULT_SWEEP0
Enables multiplier mode and/or sweep mode for Region 0.
0: multiplier off/sweep off; 1: multiplier off/sweep on;
2: multiplier on/sweep off; 3: multiplier on/sweep on.
[23:22]
MULT_SWEEP1
Enables multiplier mode and/or sweep mode for Region 2.
[25:24]
MULT_SWEEP2
Enables multiplier mode and/or sweep mode for Region 1.
02
[12:0]
X
VD
HDLASTLEN
HD last line length. Line length of last line in the field.
[14:13]
X
MULT_SWEEP3
Enables multiplier mode and/or sweep mode for Region 3.
[16:15]
X
MULT_SWEEP4
Enables multiplier mode and/or sweep mode for Region 4.
[18:17]
X
MULT_SWEEP5
Enables multiplier mode and/or sweep mode for Region 5.
[20:19]
X
MULT_SWEEP6
Enables multiplier mode and/or sweep mode for Region 6.
[22:21]
X
MULT_SWEEP7
Enables multiplier mode and/or sweep mode for Region 7.
[24:23]
X
MULT_SWEEP8
Enables multiplier mode and/or sweep mode for Region 8.
[25]
HDLASTLEN_13
HD last line length Bit [13] when 14-bit H-counter is enabled.
03
[12:0]
X
VD
SCP0
V-Sequence Change Position 0.
[25:13]
X
SCP1
V-Sequence Change Position 1.
04
[12:0]
X
VD
SCP2
V-Sequence Change Position 2.
[25:13]
X
SCP3
V-Sequence Change Position 3.
05
[12:0]
X
VD
SCP4
V-Sequence Change Position 4.
[25:13]
X
SCP5
V-Sequence Change Position 5.
06
[12:0]
X
VD
SCP6
V-Sequence Change Position 6.
[25:13]
X
SCP7
V-Sequence Change Position 7.
07
[12:0]
X
VD
SCP8
V-Sequence Change Position 8.
[25:13]
VDLEN
VD field length (number of lines in the field).
08
[12:0]
X
VD
SGACTLINE1
SG Active Line 1.
[25:13]
X
SGACTLINE2
SG Active Line 2 (set to SG Active Line 1 or maximum if not
used).
09
[23:0]
X
VD
SGMASK
Masking of VSG outputs during SG active line.
0A
[12:0]
X
VD
CLPMASKSTART1
CLPOB Mask Region 1 start position. Set to 8191 to disable.
[25:13]
X
CLPMASKEND1
CLPOB Mask Region 1 end position. Set to 0 to disable.
0B
[12:0]
X
VD
CLPMASKSTART2
CLPOB Mask Region 2 start position. Set to 8191 to disable.
[25:13]
X
CLPMASKEND2
CLPOB Mask Region 2 end position. Set to 0 to disable.
0C
[12:0]
X
VD
CLPMASKSTART3
CLPOB Mask Region 3 start position. Set to 8191 to disable.
[25:13]
X
CLPMASKEND3
CLPOB Mask Region 3 end position. Set to 0 to disable.
0D
[12:0]
X
VD
PBLKMASKSTART1
PBLK Mask Region 1 start position. Set to 8191 to disable.
[25:13]
X
PBLKMASKEND1
PBLK Mask Region 1 end position. Set to 0 to disable.
0E
[12:0]
X
VD
PBLKMASKSTART2
PBLK Mask Region 2 start position. Set to 8191 to disable.
[25:13]
X
PBLKMASKEND2
PBLK Mask Region 2 end position. Set to 0 to disable.
0F
[12:0]
X
VD
PBLKMASKSTART3
PBLK Mask Region 3 start position. Set to 8191 to disable.
[25:13]
X
PBLKMASKEND3
PBLK Mask Region 3 end position. Set to 0 to disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com