Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 11Page - Analog Devices AD9927BBCZ Datasheet HTML 12Page - Analog Devices AD9927BBCZ Datasheet HTML 13Page - Analog Devices AD9927BBCZ Datasheet HTML 14Page - Analog Devices AD9927BBCZ Datasheet HTML 15Page - Analog Devices AD9927BBCZ Datasheet HTML 16Page - Analog Devices AD9927BBCZ Datasheet HTML 17Page - Analog Devices AD9927BBCZ Datasheet HTML 18Page - Analog Devices AD9927BBCZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
AD9927
Rev. 0 | Page 15 of 100
SYSTEM OVERVIEW
Figure 13 shows the typical system block diagram for the AD9927
in master mode. The CCD output is processed by the AD9927’s
AFE circuitry, which consists of a CDS, VGA, black level clamp,
and ADC. The digitized pixel information is sent to the digital
image processor chip, which performs the postprocessing and
compression. To operate the CCD, all CCD timing parameters
are programmed into the AD9927 from the system microprocessor
through the 3-wire serial interface. From the master clock, CLI,
provided by the image processor or external crystal, the AD9927
generates the CCD’s horizontal and vertical clocks and internal
AFE clocks. External synchronization is provided by a sync
pulse from the microprocessor, which resets the internal
counters and resyncs the VD and HD outputs.
CCDIN
GPO1 TO GPO8
H1 TO H8, HL,
RG, VSUB
V1A TO V15, SUBCK
CCD
AD9927
AFETG
V-DRIVER
DIGITAL
IMAGE
PROCESSING
ASIC
DOUT
DCLK
HD, VD
CLI
SERIAL
INTERFACE
SYNC
µP
Figure 13. Typical System Block Diagram, Master Mode
Alternatively, the AD9927 can be operated in slave mode. In
this mode, the VD and HD are provided externally from the
image processor, and all AD9927 timing is synchronized with
VD and HD.
The H-drivers for H1 to H8, HL, and RG are included in the
AD9927, allowing these clocks to be directly connected to the
CCD. An H-driver voltage of up to 3.3 V is supported. V1A to
V15 and SUBCK vertical clocks are included as well, allowing
the AD9927 to provide all horizontal and vertical clocks
necessary to clock data out of a CCD.
The AD9927 includes programmable general-purpose outputs
(GPO), which can trigger mechanical shutter and strobe (flash)
circuitry.
Figure 14 and Figure 15 show the maximum horizontal and vertical
counter dimensions for the AD9927. All internal horizontal and
vertical clocking is controlled by these counters, which specify
line and pixel locations. Maximum HD length is 8192 pixels per
line, and maximum VD length is 8192 lines per field.
13-BIT HORIZONTAL = 8192 PIXELS MAX
13-BIT VERTICAL = 8192 LINES MAX
MAXIMUM COUNTER DIMENSIONS
Figure 14. Vertical and Horizontal Counters
VD
HD
MAX VD LENGTH IS 8192 LINES
CLI
MAX HD LENGTH IS 8192 PIXELS
Figure 15. Maximum VD/HD Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com