Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 47Page - Analog Devices AD9927BBCZ Datasheet HTML 48Page - Analog Devices AD9927BBCZ Datasheet HTML 49Page - Analog Devices AD9927BBCZ Datasheet HTML 50Page - Analog Devices AD9927BBCZ Datasheet HTML 51Page - Analog Devices AD9927BBCZ Datasheet HTML 52Page - Analog Devices AD9927BBCZ Datasheet HTML 53Page - Analog Devices AD9927BBCZ Datasheet HTML 54Page - Analog Devices AD9927BBCZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
AD9927
Rev. 0 | Page 51 of 100
MODE Registers
The MODE registers are used to select the field timing of the
AD9927. Typically, all of the field, V-sequence, and V-pattern
information is programmed into the AD9927 at startup. During
operation, the MODE registers allow the user to select any com-
bination of field timing to meet the requirements of the system.
The advantage of using the MODE registers in conjunction with
preprogrammed timing is that it greatly reduces the system pro-
gramming requirements during camera operation. Only a few
register writes are required when the camera operating mode is
changed, rather than having to program all of the vertical timing
information with each camera mode change.
A basic still camera application can require six fields of vertical
timing—one for draft mode operation, one for autofocusing,
and four for still image readout. All of the register timing
information for the six fields is loaded at startup. Then, during
camera operation, the MODE registers select which field timing is
active, depending on how the camera is being used.
Table 39 shows how the MODE registers are used. The MODE
register (Address 0x2A) specifies how many total fields are
used. Any value from 1 to 7 can be selected using these three
bits. The other two registers (0x2B and 0x2C) are used to select
which of the programmed fields are used and in which order.
Up to seven fields can be used in a single MODE write. The
AD9927 starts with the field timing specified by FIELD0, and
on the next VD, switches to the timing specified by FIELD1,
and so on. After completing the total number of fields specified
by MODE, the AD9927 repeats by starting at the first field. This
continues until a new write to the MODE register occurs. Figure
67 shows example MODE register settings for different field
configurations.
Note that only a write to Address 0x2C properly resets the field
counter. Therefore, when changing the values in any of the
mode registers, it is recommended that all three registers are
updated together in the same field (VD period).
Caution
The MODE registers are SCK updated by default. If they are
configured as VD-updated registers by writing Address 0xB4 =
0x03FF and Address 0xB5 = 0xFC00, the new MODE information
is updated on the second VD falling edge after the write occurs,
rather than on the first VD falling edge. See Figure 66 for an
example.
Table 39. MODE Registers—VD Updated
Address
Name
Length
Description
2A
MODE
3b
Total number of fields to cycle through. Set from 1 to 7.
2B
FIELD0
5b
Selected FIELD (from FIELD registers in configurable memory) for the first field to cycle through.
FIELD1
5b
Selected FIELD (from FIELD registers in configurable memory) for the second field to cycle through.
FIELD2
5b
Selected FIELD (from FIELD registers in configurable memory) for the third field to cycle through.
FIELD3
5b
Selected FIELD (from FIELD registers in configurable memory) for the fourth field to cycle through.
FIELD4
5b
Selected FIELD (from FIELD registers in configurable memory) for the fifth field to cycle through.
2C
FIELD5
5b
Selected FIELD (from FIELD registers in configurable memory) for the sixth field to cycle through.
FIELD6
5b
Selected FIELD (from FIELD registers in configurable memory) for the seventh field to cycle through.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com