Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 86 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 86 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 82Page - Analog Devices AD9927BBCZ Datasheet HTML 83Page - Analog Devices AD9927BBCZ Datasheet HTML 84Page - Analog Devices AD9927BBCZ Datasheet HTML 85Page - Analog Devices AD9927BBCZ Datasheet HTML 86Page - Analog Devices AD9927BBCZ Datasheet HTML 87Page - Analog Devices AD9927BBCZ Datasheet HTML 88Page - Analog Devices AD9927BBCZ Datasheet HTML 89Page - Analog Devices AD9927BBCZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
AD9927
Rev. 0 | Page 86 of 100
Address
Data
Bits
Default
Value
Update
Type
Name
Description
15
[0]
0
SCK
OSC_RSTB
CLO oscillator reset bar.
0: oscillator in power-down state; 1: resume oscillator
operation.
16
[27:0]
0
SCK
TEST
Test mode only. Must be set to 0.
17
[12:0]
0
SCK
UPDATE
Serial update line.
Sets the line (HD) within the field to update the VD-updated
registers.
[13]
0
PREVENTUP
Prevents the update of the VD-updated registers.
0: normal update; 1: prevent update of VD-updated registers.
[14]
0
SYNC_RST_SHUTEN
1: enable reset of the shutter control after SYNC operation
occurs.
[15]
0
REG_RST_SHUT
1: forces shutter control to reset.
[16]
0
GPO_RST_SYNC
1: reset shutter and GPO control at SYNC operation.
18
[27:0]
0
SCK
TEST
Test mode only. Must be set to 0.
19
[27:0]
0
SCK
TEST
Test mode only. Must be set to 0.
1A
[27:0]
0
SCK
TEST
Test mode only. Must be set to 0.
1B
[27:0]
A
SCK
TEST
Test mode only. Must be set to 0xA.
1C
[23:0]
FF0000
SCK
VSGSELECT
Each bit selects XV pulses for use as VSG pulses.
1D
[23:0]
0
SCK
VSGMASK_CTL
VSG masking. Overrides settings in field registers when
enabled.
[24]
0
VSGMASK_CTL_EN
0: disable VSGMAK_CTL bits. VSG masking is controlled by field
registers.
1: enable VSGMASK_CTL bits to control VSG masking
1F
[0]
1
SCK
HCNT14_EN
1: enable 14-bit H-counter.
[1]
1
PBLK_MASK_EN
1: disable clamp operation if PBLK is active at the same time as
CLPOB.
Table 50. VD/HD Registers
Address
Data Bits
Default Value
Update Type
Name
Description
20
[0]
0
SCK
MASTER
VD/HD master or slave mode. 0: slave mode; 1: master mode.
21
[0]
0
VD
VDHDPOL
VD/HD active polarity. 0 = low, 1 = high.
22
[12:0]
0
VD
HDRISE
Rising edge location for HD. Minimum value is 36 pixels.
[25:13]
0
VDRISE
Rising edge location for VD.
Table 51. I/O and Charge Pump Registers
Address
Data
Bits
Default
Value
Update
Type
Name
Description
23
[0]
0
SCK
OSC_NVR
Oscillator normal voltage range. Set to match CLIVDD supply voltage.
0 = 1.8 V, 1 = 3.3 V
[1]
0
XV_NVR
XV output normal voltage range. Set to match XVVDD supply voltage.
0 = 1.8 V, 1 = 3.3 V
[2]
0
IO_NVR
I/O normal voltage range. Set the match IOVDD supply voltage.
0 = 1.8 V, 1 = 3.3 V
[3]
0
DATA_NVR
Data pin normal voltage range. Set to match DRVDD supply voltage.
0 = 1.8 V I/O, 1 = 3.3 V I/O.
[4]
0
TEST
Test use only. Set to 0.
[5]
0
TEST
Test use only. Set to 0.
[6]
0
LDO_32_EN
1: internal regulator enable for 3.2 V output.
[9:7]
1
HCLKMODE
Selects HCLK output configuration. Should be written to desired value.
001 = Mode 1, 010 = Mode 2, 100 = Mode 3. All other values are invalid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com