Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 6Page - Analog Devices AD9927BBCZ Datasheet HTML 7Page - Analog Devices AD9927BBCZ Datasheet HTML 8Page - Analog Devices AD9927BBCZ Datasheet HTML 9Page - Analog Devices AD9927BBCZ Datasheet HTML 10Page - Analog Devices AD9927BBCZ Datasheet HTML 11Page - Analog Devices AD9927BBCZ Datasheet HTML 12Page - Analog Devices AD9927BBCZ Datasheet HTML 13Page - Analog Devices AD9927BBCZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 100 page
background image
AD9927
Rev. 0 | Page 10 of 100
Pin No.
Mnemonic
Type1
Description
M7
CCDIN
AI
CCD Signal Input
E1
SENSE
AI
LDO Output Sense Pin
F1
LDOOUT
AO
LDO Output Voltage
B2
CPFCT
AO
Charge Pump Flying Capacitor Top
C1
CPFCB
AO
Charge Pump Flying Capacitor Bottom
M8
REFT
AO
Voltage Reference Top Bypass
M9
REFB
AO
Voltage Reference Bottom Bypass
K7
CLI
DI
Reference Clock Input
L9
SL
DI
3-Wire Serial Load Pulse. Internal pull-up resistor.
M10
SDATA
DI
3-Wire Serial Data Input
M11
SCK
DI
3-Wire Serial Clock
D2
CPCLI
DI
Charge Pump Clock Input
F9
LDO3P2EN
DI
LDO 3.2 V Output Enable
F10
LDO1P8EN
DI
LDO 1.8 V Output Enable
G11
SYNC
DI
External System Sync Input
F11
RSTB
DI
External Reset Input (active low pulse to reset). Internal pull-up resistor.
H10
XSUBCNT
DI
Generates 3-Level Output for SUBCK. Connect high if 3-Level SUBCK not used.
H11
VD
DIO
Vertical Sync Pulse (input for slave mode, output for master mode)
J11
HD
DIO
Horizontal Sync Pulse (input for slave mode, output for master mode)
M12
GPO8
DIO
General-Purpose Output 8
L10
GPO7
DIO
General-Purpose Output 7
L11
GPO6
DIO
General-Purpose Output 6
K9
GPO5
DIO
General-Purpose Output 5
L12
GPO4
DIO
General-Purpose Output 4
K10
GPO3
DIO
General-Purpose Output 3
K11
GPO2
DIO
General-Purpose Output 2
J10
GPO1
DIO
General-Purpose Output 1
K6
CLO
DO
Clock Output for Crystal
F2
H1
DO
CCD Horizontal Clock 1
G1
H2
DO
CCD Horizontal Clock 2
H2
H3
DO
CCD Horizontal Clock 3
J1
H4
DO
CCD Horizontal Clock 4
J2
H5
DO
CCD Horizontal Clock 5
K1
H6
DO
CCD Horizontal Clock 6
L2
H7
DO
CCD Horizontal Clock 7
M1
H8
DO
CCD Horizontal Clock 8
M3
HL
DO
CCD Last Horizontal Clock
M5
RG
DO
CCD Reset Gate Clock
A10
D0
DO
Data Output 0 (LSB).
B9
D1
DO
Data Output 1.
A9
D2
DO
Data Output 2.
B8
D3
DO
Data Output 3.
A8
D4
DO
Data Output 4.
B7
D5
DO
Data Output 5.
A7
D6
DO
Data Output 6.
B6
D7
DO
Data Output 7.
A6
D8
DO
Data Output 8.
B5
D9
DO
Data Output 9.
A5
D10
DO
Data Output 10.
B4
D11
DO
Data Output 11.
A4
D12
DO
Data Output 12.
B3
D13
DO
Data Output 13 (MSB).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com