Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 96 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 96 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 92Page - Analog Devices AD9927BBCZ Datasheet HTML 93Page - Analog Devices AD9927BBCZ Datasheet HTML 94Page - Analog Devices AD9927BBCZ Datasheet HTML 95Page - Analog Devices AD9927BBCZ Datasheet HTML 96Page - Analog Devices AD9927BBCZ Datasheet HTML 97Page - Analog Devices AD9927BBCZ Datasheet HTML 98Page - Analog Devices AD9927BBCZ Datasheet HTML 99Page - Analog Devices AD9927BBCZ Datasheet HTML 100Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
AD9927
Rev. 0 | Page 96 of 100
Address
Data
Bits
Default
Value
Update
Type
Name
Description
0F
[12:0]
X
SCP
VSTARTC
Start position of selected V-Pattern Group C.
[25:13]
X
VLENC
Length of selected V-Pattern Group C.
10
[12:0]
X
SCP
VREPC_ODD
Number of repetitions for V-Pattern Group C for odd lines.
[25:13]
X
VREPC_EVEN
Number of repetitions for V-Pattern Group C for even lines.
11
[12:0]
X
SCP
VSTARTD
Start position of selected V-Pattern Group D.
[25:13]
X
VLEND
Length of selected V-Pattern Group D.
12
[12:0]
X
SCP
VREPD_ODD
Number of repetitions for V-Pattern Group D for odd lines.
[25:13]
X
VREPD_EVEN
Number of repetitions for V-Pattern Group D for even lines.
13
[12:0]
X
SCP
FREEZE1
Holds the V-outputs at their current levels.
[25:13]
X
RESUME1
Resumes the operation of V-outputs to finish the pattern.
14
[12:0]
X
SCP
FREEZE2
Holds the V-outputs at their current levels.
[25:13]
X
RESUME2
Resumes the operation of V-outputs to finish the pattern.
15
[12:0]
X
SCP
FREEZE3
Holds the V-outputs at their current levels.
[25:13]
X
RESUME3
Resumes the operation of V-outputs to finish the pattern.
16
[12:0]
X
SCP
FREEZE4
Holds the V-outputs at their current levels.
[25:13]
X
RESUME4
Resumes the operation of V-outputs to finish the pattern.
17
[12:0]
X
SCP
HBLKSTART
Start location for HBLK in HBLK Modes 1 and 2.
[25:13]
X
HBLKEND
End location for HBLK in HBLK Modes 1 and 2.
18
[12:0]
X
SCP
HBLKLEN
HBLK length in HBLK Modes 1 and 2.
[20:13]
X
HBLKREP
Number of HBLK repetitions in HBLK Modes 1 and 2.
[21]
X
HBLKMASK_H1
Masking polarity for H1/H3/H5/H7 during HBLK.
[22]
X
HBLKMASK_H2
Masking polarity for H2/H4/H6/H8 during HBLK.
[23]
X
HBLKMASK_HL
Masking polarity for HL during HBLK.
[25:24]
X
TEST
Test use only. Set to 0.
19
[12:0]
X
SCP
HBLKTOGO1
First HBLK toggle position for odd lines, or RA0H1REPABC in HBLK Mode 2
(see HBLK Mode 2 Operation for more information).
[25:13]
X
HBLKTOGO2
Second HBLK toggle position for odd lines, or RA1H1REPABC.
1A
[12:0]
X
SCP
HBLKTOGO3
Third HBLK toggle position for odd lines, or RA2H1REPABC.
[25:13]
X
HBLKTOGO4
Fourth HBLK toggle position for odd lines, or RA3H1REPABC.
1B
[12:0]
X
SCP
HBLKTOGO5
Fifth HBLK toggle position for odd lines, or RA4H1REPABC.
[25:13]
X
HBLKTOGO6
Sixth HBLK toggle position for odd lines, or RA5H1REPABC.
1C
[12:0]
X
SCP
HBLKTOGE1
First HBLK toggle position for even lines, or RA0H2REPABC.
[25:13]
X
HBLKTOGE2
Second HBLK toggle position for even lines, or RA1H2REPABC.
1D
[12:0]
X
SCP
HBLKTOGE3
Third HBLK toggle position for even lines, or RA2H2REPABC.
[25:13]
X
HBLKTOGE4
Fourth HBLK toggle position for even lines, or RA3H2REPABC.
1E
[12:0]
X
SCP
HBLKTOGE5
Fifth HBLK toggle position for even lines, or RA4H2REPABC.
[25:13]
X
HBLKTOGE6
Sixth HBLK toggle position for even lines, or RA5H2REPABC.
1F
[12:0]
X
SCP
HBLKSTARTA
HBLK Repeat Area Start Position A for HBLK Mode 2. Set to 8191 if not
used.
[25:13]
X
HBLKSTARTB
HBLK Repeat Area Start Position B for HBLK Mode 2. Set to 8191 if not
used.
20
[12:0]
X
SCP
HBLKSTARTC
HBLK Repeat Area Start Position C for HBLK Mode 2. Set to 8191 if not
used.
[13]
X
VSEQALT_EN
Special V-sequence alternation enable.
[14]
X
VALT_MAP
1= enables operation of VALTSEL0_EVEN/ODD, VALTSEL1_EVEN/ODD
registers in FREEZE/RESUME registers. Must be enabled if special VALT
mode is used.
[17:15]
X
SPC_PAT_EN
1 = enables use of special vertical pattern insertion into VPATA sequence.
[0]: use VPATB as the special pattern.
[1]: use VPATC as the special pattern.
[2]: use VPATD as the special pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com