Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 4Page - Analog Devices AD9927BBCZ Datasheet HTML 5Page - Analog Devices AD9927BBCZ Datasheet HTML 6Page - Analog Devices AD9927BBCZ Datasheet HTML 7Page - Analog Devices AD9927BBCZ Datasheet HTML 8Page - Analog Devices AD9927BBCZ Datasheet HTML 9Page - Analog Devices AD9927BBCZ Datasheet HTML 10Page - Analog Devices AD9927BBCZ Datasheet HTML 11Page - Analog Devices AD9927BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 100 page
background image
AD9927
Rev. 0 | Page 8 of 100
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
With
Respect To
Rating
AVDD
AVSS
−0.3 V to +2.0 V
TCVDD
TCVSS
−0.3 V to +2.0 V
HVDD1, HVDD2
HVSS1,
HVSS2
−0.3 V to +3.9 V
RGVDD
RGVSS
−0.3 V to +3.9 V
DVDD
DVSS
−0.3 V to +2.0 V
DRVDD
DRVSS
−0.3 V to +3.9 V
IOVDD
IOVSS
−0.3 V to +3.9 V
XVVDD
DVSS
−0.3 V to +3.9 V
CLIVDD
TCVSS
−0.3 V to +3.9 V
LDOIN
LDOVSS
−0.3 V to +3.9 V
CP1P8
CPVSS
−0.3 V to +2.0 V
VH1, VH2
VL1
−0.3 V to +25.0 V
VH1, VH2
VSS1
−0.3 V to +17.0 V
VL1, VL2
VSS1
−17.0 V to +0.3 V
VM1, VM2
VSS1
−6.0 V to +0.3 V
VLL
VSS1
−17.0 V to +0.3 V
VMM
VSS1
−6.0 V to +0.3 V
V5V
VSS1
−0.3 V to +6.0 V
V1A to V15
VSS1
VL − 0.3 V to VH + 0.3 V
RG Output
RGVSS
−0.3 V to RGVDD + 0.3 V
H1 to H8, HL Output
HVSS
−0.3 V to HVDD + 0.3 V
Digital Outputs
DVSS
−0.3 V to IOVDD + 0.3 V
Digital Inputs
DVSS
−0.3 V to IOVDD + 0.3 V
SCK, SL, SDATA
DVSS
−0.3 V to IOVDD + 0.3 V
REFT, REFB, CCDIN
AVSS
−0.3 V to AVDD + 0.3 V
Junction Temperature
150°C
Lead Temperature,
10 sec
350°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE THERMAL CHARACTERISTICS
Thermal Resistance
CSP_BGA package: θJA = 40.3°C/W
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com