Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 88 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 84Page - Analog Devices AD9927BBCZ Datasheet HTML 85Page - Analog Devices AD9927BBCZ Datasheet HTML 86Page - Analog Devices AD9927BBCZ Datasheet HTML 87Page - Analog Devices AD9927BBCZ Datasheet HTML 88Page - Analog Devices AD9927BBCZ Datasheet HTML 89Page - Analog Devices AD9927BBCZ Datasheet HTML 90Page - Analog Devices AD9927BBCZ Datasheet HTML 91Page - Analog Devices AD9927BBCZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 100 page
background image
AD9927
Rev. 0 | Page 88 of 100
Address
Data
Bits
Default
Value
Update
Type
Name
Description
33
[5:0]
0
SCK
RGPOSLOC
RG rising edge location.
[13:8]
10
RGNEGLOC
RG falling edge location.
[16]
1
RGH2POL
RG polarity control. 0: inverse of Figure 20, 1: no inversion.
34
[0]
0
SCK
H1HBLKRETIME
Retime H1, H2, HL HBLK to the internal clock. 0: no retime; 1: retime.
[1]
0
H2HBLKRETIME
Recommended setting is retime enabled (1). Setting to 1 adds one cycle delay
to programmed HBLK positions.
[2]
0
HLHBLKRETIME
[3]
0
HL_HBLK_EN
Enable HBLK for HL output. 0: disable; 1: enable.
[7:4]
4
HCLK_WIDTH
Enables wide H-clocks during HBLK interval. Set to 0 to disable.
35
[2:0]
1
SCK
H1DRV
H1 drive strength. 0: off; 1: 4.3 mA; 2: 8.6 mA; 3: 12.9 mA; 4: 4.3 mA;
5: 8.6 mA; 6: 12.9 mA; 7: 17.2 mA.
[6:4]
1
H2DRV
H2 drive strength (same range as H1DRV).
[10:8]
1
H3DRV
H3 drive strength (same range as H1DRV).
[14:12]
1
H4DRV
H4 drive strength (same range as H1DRV).
[18:16]
1
HLDRV
HL drive strength (same range as H1DRV).
[22:20]
1
RGDRV
RG drive strength (same range as H1DRV).
36
[2:0]
1
SCK
H5DRV
H5 drive strength (same range as H1DRV).
[6:4]
1
H6DRV
H6 drive strength (same range as H1DRV).
[10:8]
1
H7DRV
H7 drive strength (same range as H1DRV).
[14:12]
1
H8DRV
H8 drive strength (same range as H1DRV).
37
[5:0]
0
SCK
SHDLOC
SHD sampling edge location.
[11:6]
20
SHPLOC
SHP sampling edge location.
[17:12]
10
SHPWIDTH
SHP width (controls input dc restore switch active time).
38
[5:0]
0
SCK
DOUTPHASEP
DOUT phase control, positive edge. Specifies location of DOUT.
[11:6]
20
DOUTPHASEN
DOUT phase control, negative edge. Always set to DOUTPHASEP plus
32 edges to maintain 50% duty cycle of internal DOUTPHASE clocking.
[12]
0
DCLKMODE
DCLK mode. 0: DCLK tracks DOUT; 1: DCLK phase is fixed.
[14:13]
0
DOUTDELAY
Data output delay (tOD) with respect to DCLK rising edge.
0: no delay; 1: ~3 ns; 2: ~6 ns; 3: ~9 ns
[15]
0
DCLKINV
Invert DCLK output. 0: no inversion, 1: inversion of DCLK.
39
[2:0]
7
SCK
CPHMASK
Enable H-masking during CP operation.
Table 54. Test Registers—Do Not Access
Address
Data Bits
Default Value
Update
Name
Description
3E ~ 4F
Test registers only. Do not access.
Table 55. Test Registers—Do Not Access
Address
Data Bits
Default Value
Update Type
Name
Description
50 ~ 6F
Test registers only. Do not access.
Table 56. Shutter and GPO Registers
Address
Data
Bits
Default
Value
Update
Type
Name
Description
70
[2:0]
0
VD
PRIMARY_ACTION
Selects action for primary and secondary counters.
[5:3]
0
SECOND_ACTION
0: idle (do nothing) autoreset on VD.
1: activate counter (primary: auto exposure/readout).
2: RapidShot: wrap/repeat counter.
3: ShotTimer: delay start of count.
4: ShotTimer with RapidShot.
5: SLR exposure (manual).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com