Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 38 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 34Page - Analog Devices AD9927BBCZ Datasheet HTML 35Page - Analog Devices AD9927BBCZ Datasheet HTML 36Page - Analog Devices AD9927BBCZ Datasheet HTML 37Page - Analog Devices AD9927BBCZ Datasheet HTML 38Page - Analog Devices AD9927BBCZ Datasheet HTML 39Page - Analog Devices AD9927BBCZ Datasheet HTML 40Page - Analog Devices AD9927BBCZ Datasheet HTML 41Page - Analog Devices AD9927BBCZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 100 page
background image
AD9927
Rev. 0 | Page 38 of 100
Vertical Masking Using FREEZE/RESUME Registers
As shown in Figure 44 and Figure 45, the FREEZE/RESUME
registers are used to temporarily mask the V-outputs. The pixel
locations to begin the masking (FREEZE) and end the masking
(RESUME) create an area in which the vertical toggle positions
are ignored. At the pixel location specified in the FREEZE register,
the V-outputs are held static at their current dc state, high or low.
The V-outputs are held until the pixel location specified by the
RESUME register is reached, at which point the signals continue
with any remaining toggle positions, if any exist. Four sets of
FREEZE/RESUME registers are provided, allowing the vertical
outputs to be interrupted up to four times in the same line. The
FREEZE and RESUME Positions 1 to 4 are enabled independently
and applied to all groups (Group A, Group B, Group C, and
Group D) using the VMASK_EN register.
Note that when masking is enabled, each group (Group A,
Group B, Group C, and Group D) uses the same FREEZE/
RESUME positions.
Note that the FREEZE/RESUME registers are also used as the
VALTSEL0 and VALTSEL1 registers during special vertical
alternation mode.
XV1
XV24
HD
NO MASKING AREA
Figure 44. No FREEZE/RESUME
XV1
XV24
HD
V-MASKING AREA
FREEZE
RESUME
NOTES
1. ALL TOGGLE POSITIONS WITHIN THE FREEZE/RESUME MASKING AREA ARE IGNORED. H-COUNTER CONTINUES TO COUNT DURING MASKING.
2. FOUR SEPARATE MASKING AREAS ARE AVAILABLE, USING FREEZE1/RESUME1, FREEZE2/RESUME2, FREEZE3/RESUME3, AND
FREEZE4/RESUME4 REGISTERS.
Figure 45. Using FREEZE/RESUME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com