Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9927BBCZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9927BBCZ
Description  14-Bit CCD Signal Processor with V-Driver and Precision TimingTM Generator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9927BBCZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9927BBCZ Datasheet HTML 3Page - Analog Devices AD9927BBCZ Datasheet HTML 4Page - Analog Devices AD9927BBCZ Datasheet HTML 5Page - Analog Devices AD9927BBCZ Datasheet HTML 6Page - Analog Devices AD9927BBCZ Datasheet HTML 7Page - Analog Devices AD9927BBCZ Datasheet HTML 8Page - Analog Devices AD9927BBCZ Datasheet HTML 9Page - Analog Devices AD9927BBCZ Datasheet HTML 10Page - Analog Devices AD9927BBCZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 100 page
background image
AD9927
Rev. 0 | Page 7 of 100
VERTICAL DRIVER SPECIFICATIONS
VH1, VH2 = 15 V. VM1, VM2, VMM = 0 V. VL1, VL2, VLL = −7.5 V. CL shown in load model, 25°C.
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
V-DRIVER OUTPUTS (SIMPLIFIED LOAD CONDITIONS, 3000 pF to GROUND)
Delay Time, VL to VM and VM to VH
tPLM, tPMH
35
ns
Delay Time, VM to VL and VH to VM
tPML, tPHM
35
ns
Rise Time, VL to VM
tRLM
125
ns
Rise Time, VM to VH
tRMH
260
ns
Fall Time, VM to VL
tFML
220
ns
Fall Time, VH to VM
tFHM
125
ns
Output Currents
@ −7.25 V
10
mA
@ −0.25 V
−22
mA
@ +0.25 V
22
mA
@ +14.75 V
−10
mA
RON
35
Ω
SUBCK OUTPUT (SIMPLIFIED LOAD CONDITIONS, 1000 pF to GROUND)
Delay Time, VLL to VH
tPLH
25
ns
Delay Time, VH to VLL
tPHL
30
ns
Delay Time, VLL to VMM
tPLM
25
ns
Delay Time, VMM to VH
tPMH
25
ns
Delay Time, VH to VMM
tPHM
30
ns
Delay Time, VMM to VLL
tPML
25
ns
Rise Time, VLL to VH
tRLH
40
ns
Rise Time, VLL to VMM
tRLM
45
ns
Rise Time, VMM to VH
tRMH
30
ns
Fall Time, VH to VLL
tFHL
40
ns
Fall Time, VH to VMM
tFHM
90
ns
Fall Time, VMM to VLL
tFML
25
ns
Output Currents
@ −7.25 V
20
mA
@ −0.25 V
−12
mA
@ +0.25 V
12
mA
@ +14.75 V
−20
mA
RON
35
Ω
V-DRIVER
INPUT
tRLM, tRMH, tRLH
50%
10%
90%
tPLM, tPMH, tPLH
V-DRIVER
OUTPUT
10%
50%
90%
tFML, tFHM, tFHL
tPML, tPHM, tPHL
Figure 2. Definition of V-Driver Timing Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com